Electronic Components Datasheet Search
  English  ▼

X  

PDSLVDS1002DBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # PDSLVDS1002DBVT
Description  3.3-V LVDS Single Channel High Speed Differential Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PDSLVDS1002DBVT Datasheet(HTML) 1 Page - Texas Instruments

  PDSLVDS1002DBVT Datasheet HTML 1Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 2Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 3Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 4Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 5Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 6Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 7Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 8Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
EP Blue
VCC
GND
DSLVDS1002
Receiver
Driver
LVCMOS/LVTTL OUT
IN +
IN -
DSLVDS1001
LVCMOS/
LVTTL OUT
IN +
IN -
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
DSLVDS1002
SNLS619 – JULY 2018
DSLVDS1002 3.3-V LVDS Single Channel High Speed Differential Receiver
1
1 Features
1
•
Designed for Signaling Rates up to 400-Mbps
•
Single 3.3V Power Supply Design (3.0-V to 3.6-V
Range)
•
100-ps Typical Differential Skew
•
3.5-ns Maximum Propagation Delay
•
Accepts Small Swing (±350-mV Typical)
Differential Signal Levels
•
Power Off Protection (High Impedance on LVDS
Inputs)
•
Flow-Through Pinout Simplifies PCB Layout
•
Low Power Dissipation (10 mW typical@ 3.3 V
static)
•
LVDS Receiver Inputs Accept
LVDS/BLVDS/LVPECL Inputs
•
Failsafe Protection for Open, Short and
Terminated Inputs
•
SOT-23 5-lead package
•
Meets or Exceeds ANSI TIA/EIA-644-A Standard
•
Industrial temperature operating range (
−40°C to
+85°C)
2 Applications
•
Board to Board Communication
•
Test and Measurement
•
Motor Drive
•
Wireless Infrastructure
•
Telecom Infrastructure
•
Printer
•
Multi Function Printer
•
Professional Video Cameras
•
Enterprise and Cinema Projectors
•
LED Video Wall
•
NIC Card
•
Rack Server
•
Ultrasound Scanners
3 Description
The DSLVDS1002 is a single channel Low Voltage
Differential Signaling (LVDS) receiver designed for
applications requiring low power dissipation, low
noise and high data rates. In addition, the short circuit
fault current is also minimized. The DSLVDS1002
device is designed to support data rates that are at
least 400 Mbps (200 MHz) utilizing LVDS technology.
The DSLVDS1002 accepts low voltage (±350-mV
typical) differential input signals and outputs a 3.3-V
CMOS/TTL signal. The receivers also support open,
shorted, and terminated (100
Ω) input fail-safe. The
receiver
output
will
be
HIGH
for
all
fail-safe
conditions. The DSLVDS1002 is in a 5-lead SOT-23
package that is designed for easy PCB layout.
The DSLVDS1002 can be paired with its companion
single line driver, DSLVDS1001, or with any LVDS
driver, to provide a high-speed LVDS Interference.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DSLVDS1002
SOT-23 DBV
3.00 mm x 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Functional Block Diagram
Typical Application


Similar Part No. - PDSLVDS1002DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PDSLVDS1001DBVT TI1-PDSLVDS1001DBVT Datasheet
655Kb / 25P
3.3-V LVDS Single Channel High Speed Differential Driver
More results

Similar Description - PDSLVDS1002DBVT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1019 FAIRCHILD-FIN1019 Datasheet
1Mb / 14P
3.3V LVDS High Speed Differential Driver/Receiver
logo
Pericom Semiconductor C...
PI90LV02 PERICOM-PI90LV02 Datasheet
181Kb / 9P
SOTinyTM LVDS High-Speed Differential Line Receiver
PI90LV02 PERICOM-PI90LV02_09 Datasheet
364Kb / 9P
SOTiny LVDS High-Speed Differential Line Receiver
logo
Texas Instruments
DSLVDS1001 TI1-DSLVDS1001 Datasheet
653Kb / 25P
3.3-V LVDS Single Channel High Speed Differential Driver
DSLVDS1002 TI1-DSLVDS1002 Datasheet
643Kb / 26P
3.3-V LVDS Single Channel High Speed Differential Receiver
DSLVDS1001 TI1-DSLVDS1001_18 Datasheet
655Kb / 25P
3.3-V LVDS Single Channel High Speed Differential Driver
logo
ON Semiconductor
FIN1019 ONSEMI-FIN1019 Datasheet
1Mb / 16P
3.3V LVDS High Speed Differential Driver/Receiver
Revised September 2001
logo
Texas Instruments
DSLVDS1047 TI1-DSLVDS1047 Datasheet
661Kb / 26P
3.3-V LVDS Quad Channel High-Speed Differential Line Driver
DSLVDS1048 TI1-DSLVDS1048 Datasheet
1Mb / 25P
3.3-V LVDS Quad Channel High-Speed Differential Line Receiver
DSLVDS1047 TI1-DSLVDS1047_19 Datasheet
1Mb / 29P
3.3-V LVDS Quad Channel High-Speed Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com