Electronic Components Datasheet Search
  English  ▼

X  

PDSLVDS1002DBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # PDSLVDS1002DBVT
Description  3.3-V LVDS Single Channel High Speed Differential Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PDSLVDS1002DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button PDSLVDS1002DBVT Datasheet HTML 2Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 3Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 4Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 5Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 6Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 7Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 8Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 9Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
DSLVDS1002
SNLS619 – JULY 2018
www.ti.com
Product Folder Links: DSLVDS1002
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
tSKD1 is the magnitude difference in differential propagation delay time between the positive-going-edge and the negative-going-edge of
the same channel.
(2)
tSKD3, part to part skew, is the differential channel-to-channel skew of any event between devices. This specification applies to devices
at the same VDD and within 5°C of each other within the operating temperature range.
(3)
tSKD4, part to part skew, is the differential channel-to-channel skew of any event between devices. This specification applies to devices
over the recommended operating temperature and voltage ranges, and across process distribution. tSKD4 is defined as |Max − Min|
differential propagation delay.
(4)
fMAX generator input conditions: tr = tf < 1 ns (0% to 100%), 50% duty cycle, differential (1.05V to 1.35 peak to peak). Output criteria:
60%/40% duty cycle, VOL (max 0.4V), VOH (min 2.4V), load = 15 pF (stray plus probes). The parameter is ensured by design. The limit
is based on the statistical analysis of the device over the PVT range by the transition times (tTLH and tTHL).
7.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPHLD
Differential Propagation Delay High to Low
CL = 15 pF
1.0
1.8
3.5
ns
tPLHD
Differential Propagation Delay Low to High
VID = 200 mV
1.0
1.7
3.5
ns
tSKD1
Differential Pulse Skew |tPHLD − tPLHD|
(1)
(Figure 1 and Figure 2)
0
100
400
ps
tSKD3
Differential Part to Part Skew (2)
0
0.3
1.0
ns
tSKD4
Differential Part to Part Skew (3)
0
0.4
1.5
ns
tTLH
Rise Time
500
ps
tTHL
Fall Time
500
ps
fMAX
Maximum Operating Frequency (4)
200
250
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com