Electronic Components Datasheet Search
  English  ▼

X  

PDSLVDS1002DBVT Datasheet(PDF) 8 Page - Texas Instruments

Part # PDSLVDS1002DBVT
Description  3.3-V LVDS Single Channel High Speed Differential Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PDSLVDS1002DBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button PDSLVDS1002DBVT Datasheet HTML 4Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 5Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 6Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 7Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 8Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 9Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 10Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 11Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LVCMOS/
LVTTL OUT
IN +
IN -
8
DSLVDS1002
SNLS619 – JULY 2018
www.ti.com
Product Folder Links: DSLVDS1002
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The DSLVDS1002 is a single channel, low voltage differential signaling (LVDS) line receiver. It operates from a
single power supply that is nominally 3.3-V, but can be as low as 3.0-V and as high as 3.6-V. The input to the
DSLVDS1002 is a differential signal complying with the LVDS Standard (TIA/EIA-644) and the output is a 3.3-V
LVCMOS/LVTTL signal. The differential input signal operates with a signal level of 340 mV, nominally, at
common-mode voltage of 1.2-V. The differential nature of the inputs provides immunity to common-mode
coupled signals that the driven signal may experience. A termination resistor of 100-Ω should be selected to
match the media, and should be located as close to the receiver as possible.
9.2 Functional Block Diagram
9.3 Feature Description
The DSLVDS1002 is capable of detecting signals as low as 100-mV, over a ±1-V common-mode range centered
around 1.2-V. The AC parameters of the input pins are optimized for a recommended operating input voltage
range of 0-V to 2.4-V (measured from each pin to ground). The device will operate for receiver input voltages up
to VDD, but exceeding VDD will turn on the ESD protection circuitry which will clamp the bus voltages.
9.4 Device Functional Modes
9.4.1 Termination
Use a termination resistor which best matches the differential impedance or your transmission line. The resistor
should be between 90
Ω and 130Ω. Remember that the current mode outputs need the termination resistor to
generate the differential voltage. LVDS will not work without resistor termination. Typically, connecting a single
resistor across the pair at the receiver end will suffice.
Surface mount 1% - 2% resistors are the best. PCB stubs, component lead, and the distance from the
termination to the receiver inputs should be minimized. The distance between the termination resistor and the
receiver should be < 10mm (12mm MAX).
9.4.2 Threshold
The LVDS Standard (ANSI/TIA/EIA-644-A) specifies a maximum threshold of ±100mV for the LVDS receiver.
The DSLVDS1002 supports an enhanced threshold region of
−100mV to 0V. This is useful for fail-safe biasing.
The threshold region is shown in the Voltage Transfer Curve (VTC) in Figure 4. The typical DSLVDS1002 LVDS
receiver switches at about
−30mV. Note that with VID = 0V, the output will be in a HIGH state. With an external
fail-safe bias of +25mV applied, the typical differential noise margin is now the difference from the switch point to
the bias point. In the example below, this would be 55mV of Differential Noise Margin (DNM) (+25mV
−
(
−30mV)). With the enhanced threshold region of −100mV to 0V, this small external fail-safe biasing of +25mV
(with respect to 0V) gives a DNM of a comfortable 55mV. With the standard threshold region of ±100mV, the
external fail-safe biasing would need to be +25mV with respect to +100mV or +125mV, giving a DNM of 155mV
which is stronger fail-safe biasing than is necessary for the DSLVDS1002. If more DNM is required, then a
stronger fail-safe bias point can be set by changing resistor values.
Figure 3. VTC of the DSLVDS1002 LVDS Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com