Electronic Components Datasheet Search
  English  ▼

X  

PDSLVDS1002DBVT Datasheet(PDF) 4 Page - Texas Instruments

Part # PDSLVDS1002DBVT
Description  3.3-V LVDS Single Channel High Speed Differential Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PDSLVDS1002DBVT Datasheet(HTML) 4 Page - Texas Instruments

  PDSLVDS1002DBVT Datasheet HTML 1Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 2Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 3Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 4Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 5Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 6Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 7Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 8Page - Texas Instruments PDSLVDS1002DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
DSLVDS1002
SNLS619 – JULY 2018
www.ti.com
Product Folder Links: DSLVDS1002
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply Voltage (VDD)
-0.3
4
V
Input Voltage (IN+, IN
−)
-0.3
3.9
V
Output Voltage (TTL OUT)
-0.3
VDD + 0.3
V
Output Short Circuit Current
-100
mA
Package Power Dissipation
25
°C
DBV Package
902
mW
Derate DBV Package
7.22
25
mW/°C
Lead Temperature Soldering (4 sec.)
260
°C
Junction Temperature
150
°C
Storage temperature, Tstg
-65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Pins listed as ±2000
V may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Pins listed as ±2000
V may actually have higher performance.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±2000
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply Voltage (VDD)
+2.7
+3.3
+3.6
V
Operating Free Air Temperature (TA)
−40
25
+85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information (3-pkg option) [delete me if not used]
THERMAL METRIC(1)
DSLVDS1002
UNIT
SOT-23 (DVB)
5 PINS
RθJA
Junction-to-ambient thermal resistance
189.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
101.2
°C/W
RθJB
Junction-to-board thermal resistance
49.7
°C/W
ψJT
Junction-to-top characterization parameter
17.5
°C/W
ψJB
Junction-to-board characterization parameter
49
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com