Electronic Components Datasheet Search
  English  ▼

X  

TFP401APZP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TFP401APZP
Description  PanelBus Digital Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP401APZP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TFP401APZP Datasheet HTML 17Page - Texas Instruments TFP401APZP Datasheet HTML 18Page - Texas Instruments TFP401APZP Datasheet HTML 19Page - Texas Instruments TFP401APZP Datasheet HTML 20Page - Texas Instruments TFP401APZP Datasheet HTML 21Page - Texas Instruments TFP401APZP Datasheet HTML 22Page - Texas Instruments TFP401APZP Datasheet HTML 23Page - Texas Instruments TFP401APZP Datasheet HTML 24Page - Texas Instruments TFP401APZP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
TFP401, TFP401A
www.ti.com
SLDS120G – MARCH 2000 – REVISED MAY 2016
Product Folder Links: TFP401 TFP401A
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
11 Power Supply Recommendations
Use solid ground planes and tie ground planes together with as many vias as is practical. This will provide a
desirable return path for current. Each supply should be on separate split power planes, where each power plane
should be as large an area as possible. Connect PanelBus receiver power and ground pins and all bypass caps
to appropriate power or ground plane with via. Vias should be as fat and short as practical, the goal is to
minimize the inductance.
•
DVDD: Place one 0.01 uF capacitor as close as possible between each DVDD device pin (Pins 6, 38, 67)
and ground. A 22 uF tantalum capacitor should be placed between the supply and 0.01 uF capacitors. A
ferrite bead should be used between the source and the 22 uF capacitor.
•
OVDD: Place one 0.01 uF capacitor as close as possible between each OVDD device pin (Pins 18, 29, 43,
57, 78) and ground. A 22 uF tantalum capacitor should be placed between the supply and 0.01 uF capacitors.
A ferrite bead should be used between the source and the 22 uF capacitor.
•
AVDD: Place one 0.01 uF capacitor as close as possible between each AVDD device pin (Pins 82, 84, 88,
95) and ground. A 22 uF tantalum capacitor should be placed between the supply and 0.01 uF capacitors. A
ferrite bead should be used between the source and the 22 uF capacitor.
•
PVCC: Place three 0.01 uF capacitors in parallel as close as possible between the PVDD device pin (Pin 97)
and ground. A 22 uF tantalum capacitor should be placed between the supply and 0.01 uF capacitors. A
ferrite bead should be used between the source and the 22 uF capacitor.
12 Layout
12.1 Layout Guidelines
12.1.1 Layer Stack
The pinout of Texas Instruments High Speed Interface (HSI) devices features differential signal pairs and the
remaining signals comprise the supply rails, VCC and ground, and lower speed signals such as control pins. As
an example, consider a device X which is a repeater/re-driver, so both its inputs and outputs are high-speed
differential signals. These guidelines can be applied to other high-speed devices such as drivers, receivers,
multiplexers, etc. A minimum of four layers is required to accomplish a low EMI PCB design. Layer stacking
should be in the following order (top-to-bottom): high-speed differential signal layer, ground plane, power plane
and control signal layer.
Figure 24. Layer Stack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com