Electronic Components Datasheet Search
  English  ▼

X  

TFP401APZP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TFP401APZP
Description  PanelBus Digital Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP401APZP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TFP401APZP Datasheet HTML 4Page - Texas Instruments TFP401APZP Datasheet HTML 5Page - Texas Instruments TFP401APZP Datasheet HTML 6Page - Texas Instruments TFP401APZP Datasheet HTML 7Page - Texas Instruments TFP401APZP Datasheet HTML 8Page - Texas Instruments TFP401APZP Datasheet HTML 9Page - Texas Instruments TFP401APZP Datasheet HTML 10Page - Texas Instruments TFP401APZP Datasheet HTML 11Page - Texas Instruments TFP401APZP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
TFP401, TFP401A
SLDS120G – MARCH 2000 – REVISED MAY 2016
www.ti.com
Product Folder Links: TFP401 TFP401A
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
AC Electrical Characteristics (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(8)
Link active or inactive is determined by amount of time detected between DE transitions. SCDT indicates link activity.
tsu1
Setup time, data and control signal to falling edge of ODCK
1 pixel/clock, PIXS = low, OCK_INV =
low
1.8
ns
2 pixel/clock, PIXS = high,
STAG = high, OCK_INV = low
3.8
2 pixel and STAG, PIXS = high, STAG
= low, OCK_INV = low
0.7
th1
Hold time, data and control signal to falling edge of ODCK
1 pixel/clock, PIXS = low, OCK_INV =
low
0.6
ns
2 pixel and STAG, PIXS = high,
STAG = low, OCK_INV = low
2.5
2 pixel/clock, PIXS = high,
STAG = high, OCK_INV = low
2.9
tsu2
Setup time, data and control signal to rising edge of ODCK
1 pixel/clock, PIXS = low,
OCK_INV = high
2.1
ns
2 pixel/clock, PIXS = high,
STAG = high, OCK_INV = high
4
2 pixel and STAG, PIXS = high,
STAG = low, OCK_INV = high
1.5
th2
Hold time, data and control signal to rising edge of ODCK
1 pixel/clock, PIXS = low, OCK_INV =
high
0.5
ns
2 pixel and STAG, PIXS = high,
STAG = low, OCK_INV = high
2.4
2 pixel/clock, PIXS = high,
STAG = high, OCK_INV = high
2.1
fODCK
ODCK frequency
PIX = low (1-PIX/CLK)
25
165
MHz
PIX = high (2-PIX/CLK)
12.5
82.5
ODCK duty-cycle
40%
50%
60%
tpd(PDL)
Propagation delay time from PD low to Hi-Z outputs
9
ns
tpd(PDOL)
Propagation delay time from PDO low to Hi-Z outputs
9
ns
tt(HSC)
Transition time between DE transition to SCDT low(8)
1e6
tpix
tt(FSC)
Transition time between DE transition to SCDT high(8)
1600
tpix
td(st)
Delay time, ODCK latching edge to QE[23:0] data output
STAG = low, PIXS = high
0.25
tpix
tWL(PDL_MIN)
Minimum time PD is asserted low
9
ns
tDEL
Minimum DE low
128
Tpixel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com