Electronic Components Datasheet Search
  English  ▼

X  

TFP401APZP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TFP401APZP
Description  PanelBus Digital Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP401APZP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TFP401APZP Datasheet HTML 3Page - Texas Instruments TFP401APZP Datasheet HTML 4Page - Texas Instruments TFP401APZP Datasheet HTML 5Page - Texas Instruments TFP401APZP Datasheet HTML 6Page - Texas Instruments TFP401APZP Datasheet HTML 7Page - Texas Instruments TFP401APZP Datasheet HTML 8Page - Texas Instruments TFP401APZP Datasheet HTML 9Page - Texas Instruments TFP401APZP Datasheet HTML 10Page - Texas Instruments TFP401APZP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
TFP401, TFP401A
www.ti.com
SLDS120G – MARCH 2000 – REVISED MAY 2016
Product Folder Links: TFP401 TFP401A
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
(1)
Digital inputs are labeled DI in I/O column of Terminal Functions table.
(2)
Digital outputs are labeled DO in I/O column of Terminal Functions table.
7.5 DC Digital I/O Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level digital input voltage(1)
2
DVDD
V
VIL
Low-level digital input voltage(1)
0
0.8
V
IOH
High-level output drive current(2)
ST = high, VOH = 2.4 V
5
10
14
mA
ST = low, VOH = 2.4 V
3
6
9
IOL
Low-level output drive current(2)
ST = high, VOL = 0.8 V
10
13
19
mA
ST = low, VOL = 0.8 V
5
7
11
IOZ
Hi-Z output leakage current
PD = low or PDO = low
–1
1
μA
(1)
Specified as dc characteristic with no overshoot or undershoot
(2)
Alternating 2-pixel black/2-pixel white pattern. ST = high, STAG = high, QE[23:0] and QO[23:0] CL = 10 pF.
(3)
Analog inputs are open circuit (transmitter is disconnected from TFP401/401A).
7.6 DC Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VID
Analog input differential voltage(1)
75
1200
mV
VIC
Analog input common-mode voltage(1)
AVDD – 300
AVDD – 37
mV
VI(OC)
Open-circuit analog input voltage
AVDD – 10
AVDD + 10
mV
IDD(2PIX) Normal 2-pix/clock power supply current
(2)
ODCK = 82.5 MHz, 2-pix/clock
370
mA
IPD
Power-down current (3)
PD = low
10
mA
IPDO
Output drive power-down current(3)
PDO = low
35
mA
(1)
Specified as ac parameter to include sensitivity to overshoot, undershoot and reflection.
(2)
By characterization
(3)
tbit is 1/10 the pixel time, tpix
(4)
tpix is the pixel time defined as the period of the RxC input clock. The period of ODCK is equal to tpix in 1-pixel/clock mode or 2tpix when
in 2-pixel/clock mode.
(5)
Measured differentially at 50% crossing using ODCK output clock as trigger
(6)
Rise and fall times measured as time between 20% and 80% of signal amplitude.
(7)
Data and control signals are QE[23:0], QO[23:0], DE, HSYNC, VSYNC. and CTL[3:1].
7.7 AC Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VID(2)
Differential input sensitivity(1)
150
1560
mVp-p
tps
Analog input intra-pair (+ to –) differential skew(2)
0.4
tbit
(3)
tccs
Analog input inter-pair or channel-to-channel
skew (2)
1
tpix
(4)
tijit
Worst-case differential input clock jitter tolerance(2)(5)
50
ps
tf1
Fall time of data and control signals(6)(7)
ST = low, CL = 5 pF
2.4
ns
ST = high, CL = 10 pF
1.9
tr1
Rise time of data and control signals(6)(7)
ST = low, CL = 5 pF
2.4
ns
ST = high, CL = 10 pF
1.9
tr2
Rise time of ODCK clock(6)
ST = low, CL = 5 pF
2.4
ns
ST = high, CL = 10 pF
1.9
tf2
Fall time of ODCK clock(6)
ST = low, CL = 5 pF
2.4
ns
ST = high, CL = 10 pF
1.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com