Electronic Components Datasheet Search
  English  ▼

X  

TFP401APZP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TFP401APZP
Description  PanelBus Digital Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP401APZP Datasheet(HTML) 3 Page - Texas Instruments

  TFP401APZP Datasheet HTML 1Page - Texas Instruments TFP401APZP Datasheet HTML 2Page - Texas Instruments TFP401APZP Datasheet HTML 3Page - Texas Instruments TFP401APZP Datasheet HTML 4Page - Texas Instruments TFP401APZP Datasheet HTML 5Page - Texas Instruments TFP401APZP Datasheet HTML 6Page - Texas Instruments TFP401APZP Datasheet HTML 7Page - Texas Instruments TFP401APZP Datasheet HTML 8Page - Texas Instruments TFP401APZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
QO1
QO0
HSYNC
DE
ODCK
OVDD
CTL3
CTL2
CTL1
GND
DVDD
QE23
QE22
QE20
QE19
QE17
QE16
OVDD
OGND
QE15
QE14
OGND
OVDD
AGND
Rx2+
Rx2−
AVDD
AGND
AVDD
Rx1−
AGND
AGND
Rx0+
Rx0−
AGND
RxC+
RxC−
AVDD
EXT_RES
PGND
RSVD
OCK_INV
QO23
AVDD
OGND
QE18
QE21
VSYNC
Rx1+
PVDD
3
TFP401, TFP401A
www.ti.com
SLDS120G – MARCH 2000 – REVISED MAY 2016
Product Folder Links: TFP401 TFP401A
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
5 Description (Continued)
PowerPAD advanced packaging technology results in best-of-class power dissipation, footprint, and ultralow
ground inductance.
The TFP401 and TFP401A combines PanelBus circuit innovation with TI's advanced 0.18-µm EPIC-5 CMOS
process technology, along with TI PowerPAD package technology to achieve a reliable, low-powered, low-noise,
high-speed digital interface solution.
6 Pin Configuration and Functions
PZP Package
100-Pin HTQFP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
AGND
79, 83, 87, 89, 92
GND
Analog ground – Ground reference and current return for analog circuitry
AVDD
82, 84, 88, 95
VDD
Analog VDD – Power supply for analog circuitry. Nominally 3.3 V
CTL[3:1]
42, 41, 40
DO
General-purpose control signals – Used for user-defined control. CTL1 is not powered down
via PDO.
DE
46
DO
Output data enable – Used to indicate time of active video display versus non-active display
or blank time. During blank, only HSYNC, VSYNC, and CTL[3:1] are transmitted. During
times of active display, or non-blank, only pixel data, QE[23:0], and QO[23:0] are transmitted.
High: Active display time
Low: Blank time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com