Electronic Components Datasheet Search
  English  ▼

X  

TFP401APZP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TFP401APZP
Description  PanelBus Digital Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP401APZP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TFP401APZP Datasheet HTML 9Page - Texas Instruments TFP401APZP Datasheet HTML 10Page - Texas Instruments TFP401APZP Datasheet HTML 11Page - Texas Instruments TFP401APZP Datasheet HTML 12Page - Texas Instruments TFP401APZP Datasheet HTML 13Page - Texas Instruments TFP401APZP Datasheet HTML 14Page - Texas Instruments TFP401APZP Datasheet HTML 15Page - Texas Instruments TFP401APZP Datasheet HTML 16Page - Texas Instruments TFP401APZP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
TFP401, TFP401A
www.ti.com
SLDS120G – MARCH 2000 – REVISED MAY 2016
Product Folder Links: TFP401 TFP401A
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
(1)
Some TMDS transmitters transmit a CTL0 signal. The TFP401/401A decodes and transfers CTL[3:1]
and ignores CTL0 characters. CTL0 is not available as a TFP401/401A output.
Table 1. TMDS Pixel Data and Control Signal Encoding
RECEIVED PIXEL DATA
ACTIVE DISPLAY DE = HIGH
INPUT CHANNEL
OUTPUT PINS
(VALID FOR DE = HIGH)
Red[7:0]
Channel-2 (Rx2 ±)
QE[23:16] QO[23:16]
Green[7:0]
Channel-1 (Rx1 ±)
QE[15:8] QO[15:8]
Blue[7:0]
Channel-0 (Rx0 ±)
QE[7:0] QO[7:0]
RECEIVED CONTROL DATA
BLANKING DE = LOW
INPUT CHANNEL
OUTPUT PINS
(VALID FOR DE = LOW)
CTL[3:2]
Channel-2 (Rx2 ±)
CTL[3:2]
CTL[1: 0] (1)
Channel-1 (Rx1 ±)
CTL1
HSYNC, VSYNC
Channel-0 (Rx0 ±)
HSYNC, VSYNC
The TFP401/401A discriminates between valid pixel TMDS characters and control TMDS characters to
determine the state of active display versus blanking, i.e., the state of DE.
9.3.2 TFP401/401A Clocking and Data Synchronization
The TFP401/401A receives a clock reference from the DVI transmitter that has a period equal to the pixel time,
tpix. The frequency of this clock is also referred to as the pixel rate. Because the TMDS encoded data on Rx[2:0]
contains 10 bits per 8-bit pixel, it follows that the Rx[2:0] serial bit rate is 10 times the pixel rate. For example, the
required pixel rate to support a UXGA resolution with 60-Hz refresh rate is 165 MHz. The TMDS serial bit rate is
10× the pixel rate, or 1.65 Gb/s. Due to the transmission of this high-speed digital bit stream, on three separate
channels (or twisted-pair wires) of long distances (3–5 meters), phase synchronization between the data steams
and the input reference clock is not assured. In addition, skew between the three data channels is common. The
TFP401/401A uses a 4× oversampling scheme of the input data streams to achieve reliable synchronization with
up to 1-tpix channel-to-channel skew tolerance. Accumulated jitter on the clock and data lines due to reflections
and external noise sources is also typical of high-speed serial data transmission; hence, the TFP401/401A
design for high jitter tolerance.
The input clock to the TFP401/401A is conditioned by a phase-locked loop (PLL) to remove high-frequency jitter
from the clock. The PLL provides four 10× clock outputs of different phase to locate and sync the TMDS data
streams (4× oversampling). During active display, the pixel data is encoded to be transition-minimized, whereas
in blank, the control data is encoded to be transition-maximized. A DVI-compliant transmitter is required to
transmit in blank for a minimum period of time, 128 tpix, to ensure sufficient time for data synchronization when
the receiver sees a transition-maximized code. Synchronization during blank, when the data is transition-
maximized, ensures reliable data-bit boundary detection. Phase synchronization to the data streams is unique for
each of the three input channels and is maintained as long as the link remains active.
9.3.3 TFP401/401A TMDS Input Levels and Input Impedance Matching
The TMDS inputs to the TFP401/401A receiver have a fixed single-ended termination to AVDD. The
TFP401/401A is internally optimized using a laser trim process to precisely fix the impedance at 50
Ω. The
device functions normally with or without a resistor on the EXT_RES pin, so it remains drop-in compatible with
current sockets. The fixed impedance eliminates the need for an external resistor while providing optimum
impedance matching to standard 50-
Ω DVI cables.
Figure 15 shows a conceptual schematic of a DVI transmitter and TFP401/401A receiver connection. A
transmitter drives the twisted-pair cable via a current source, usually achieved with an open-drain type output
driver. The internal resistor, which is matched to the cable impedance at the TFP401/401A input, provides a
pullup to AVDD. Naturally, when the transmitter is disconnected and the TFP401/401A DVI inputs are left
unconnected, the TFP401/401A receiver inputs pull up to AVDD. The single-ended differential signal and full-
differential signal is shown in Figure 16. The TFP401/401A is designed to respond to differential signal swings
ranging from 150 mV to 1.56 V with common-mode voltages ranging from (AVDD – 300 mV) to (AVDD – 37 mV).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com