Electronic Components Datasheet Search
  English  ▼

X  

TFP401APZP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TFP401APZP
Description  PanelBus Digital Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP401APZP Datasheet(HTML) 1 Page - Texas Instruments

  TFP401APZP Datasheet HTML 1Page - Texas Instruments TFP401APZP Datasheet HTML 2Page - Texas Instruments TFP401APZP Datasheet HTML 3Page - Texas Instruments TFP401APZP Datasheet HTML 4Page - Texas Instruments TFP401APZP Datasheet HTML 5Page - Texas Instruments TFP401APZP Datasheet HTML 6Page - Texas Instruments TFP401APZP Datasheet HTML 7Page - Texas Instruments TFP401APZP Datasheet HTML 8Page - Texas Instruments TFP401APZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TFP401, TFP401A
SLDS120G – MARCH 2000 – REVISED MAY 2016
TFP401x TI PanelBus™ Digital Receiver
1
(1)
The Digital Visual Interface Specification, DVI, is an industry
standard developed by the Digital Display Working Group
(DDWG) for high-speed digital connection to digital displays.
The TPF401 and TFP401A are compliant with the DVI
Specification Rev. 1.0.
(2)
The TFP401/401A has an internal voltage regulator that
provides the 1.8-V core power supply from the external 3.3-V
supplies.
(3)
The TFP401A incorporates additional circuitry to create a
stable HSYNC from DVI transmitters that introduce
undesirable jitter on the transmitted HSYNC signal.
1 Features
1
•
Supports Pixel Rates up to 165 MHz (Including
1080p and WUXGA at 60 Hz)
•
Digital Visual Interface (DVI) Specification
Compliant (1)
•
True-Color, 24-Bit/Pixel, 16.7M Colors at 1 or 2
Pixels per Clock
•
Laser Trimmed Internal Termination Resistors for
Optimum Fixed Impedance Matching
•
Skew Tolerant up to One Pixel-Clock Cycle
•
4× Oversampling
•
Reduced Power Consumption – 1.8-V Core
Operation With 3.3-V I/Os and Supplies (2)
•
Reduced Ground Bounce Using Time-Staggered
Pixel Outputs
•
Low Noise and Good Power Dissipation Using TI
PowerPAD™ Packaging
•
Advanced Technology Using TI 0.18-µm EPIC-5
CMOS Process
•
TFP401A Incorporates HSYNC Jitter Immunity (3)
2 Applications
•
High-Definition TV
•
HD PC Monitors
•
Digital Video
•
HD Projectors
•
DVI/HDMI Receivers (HDMI Video-Only)
3 Description
The Texas Instruments TFP401 and TFP401A are TI
PanelBus™ flat-panel display products, part of a
comprehensive
family
of
end-to-end
DVI
1.0
compliant solutions. Targeted primarily at desktop
LCD
monitors
and
digital
projectors,
the
TFP401/401A
finds
applications
in
any
design
requiring high-speed digital interface.
The
TFP401
and
TFP401A
supports
display
resolutions up to 1080p and WUXGA in 24-bit true-
color pixel format. The TFP401/401A offers design
flexibility to drive one or two pixels per clock, supports
TFT or DSTN panels, and provides an option for
time-staggered pixel outputs for reduced ground
bounce.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TFP401
HTQFP (100)
14.00 mm × 14.00 mm
TFP401A
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
TFP401 Diagram


Similar Part No. - TFP401APZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP401APZP TI-TFP401APZP Datasheet
303Kb / 19P
TI PanelBus DIGITAL RECEIVER
logo
List of Unclassifed Man...
TFP401APZP ETC2-TFP401APZP Datasheet
436Kb / 20P
PanelBus DIGITAL RECEIVER
logo
Texas Instruments
TFP401APZP TI1-TFP401APZP Datasheet
2Mb / 32P
TFP401x TI PanelBus Digital Receiver
TFP401APZPG4 TI1-TFP401APZPG4 Datasheet
2Mb / 32P
TFP401x TI PanelBus Digital Receiver
More results

Similar Description - TFP401APZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP401 TI-TFP401 Datasheet
303Kb / 19P
TI PanelBus DIGITAL RECEIVER
TFP501 TI-TFP501 Datasheet
374Kb / 24P
PANELBUS HDCP DIGITAL RECEIVER
TFP101 TI-TFP101 Datasheet
332Kb / 18P
T1 PANELBUS DIGITAL RECEIVER
TFP503 TI-TFP503 Datasheet
445Kb / 27P
PANELBUS HDCP DIGITAL RECEIVER
logo
List of Unclassifed Man...
TFP401 ETC2-TFP401_07 Datasheet
436Kb / 20P
PanelBus DIGITAL RECEIVER
logo
Texas Instruments
TFP401A-EP TI-TFP401A-EP Datasheet
509Kb / 21P
TI PanelBus??DIGITAL RECEIVER
TFP410-EP TI1-TFP410-EP Datasheet
878Kb / 31P
PanelBus??DIGITAL TRANSMITTER
TFP401A-Q1 TI-TFP401A-Q1 Datasheet
892Kb / 23P
TI PanelBus DIGITAL RECEIVER
TFP401 TI1-TFP401_16 Datasheet
2Mb / 32P
TFP401x TI PanelBus Digital Receiver
TFP501 TI1-TFP501_14 Datasheet
270Kb / 24P
PanelBus HDCP Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com