Electronic Components Datasheet Search
  English  ▼

X  

TFP401APZP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TFP401APZP
Description  PanelBus Digital Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP401APZP Datasheet(HTML) 4 Page - Texas Instruments

  TFP401APZP Datasheet HTML 1Page - Texas Instruments TFP401APZP Datasheet HTML 2Page - Texas Instruments TFP401APZP Datasheet HTML 3Page - Texas Instruments TFP401APZP Datasheet HTML 4Page - Texas Instruments TFP401APZP Datasheet HTML 5Page - Texas Instruments TFP401APZP Datasheet HTML 6Page - Texas Instruments TFP401APZP Datasheet HTML 7Page - Texas Instruments TFP401APZP Datasheet HTML 8Page - Texas Instruments TFP401APZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
TFP401, TFP401A
SLDS120G – MARCH 2000 – REVISED MAY 2016
www.ti.com
Product Folder Links: TFP401 TFP401A
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
DFO
1
DI
Output clock data format – Controls the output clock (ODCK) format for either TFT or DSTN
panel support. For TFT support, the ODCK clock runs continuously. For DSTN support,
ODCK only clocks when DE is high; otherwise, ODCK is held low when DE is low.
High: DSTN support/ODCK held low when DE = low
Low: TFT support/ODCK runs continuously.
DGND
5, 39, 68
GND
Digital ground – Ground reference and current return for digital core
DVDD
6, 38, 67
VDD
Digital VDD – Power supply for digital core. Nominally 3.3 V
EXT_RES
96
AI
Internal impedance matching – The TFP401/401A is internally optimized for impedance
matching at 50
Ω. An external resistor tied to this pin has no effect on device performance.
HSYNC
48
DO
Horizontal sync output
RSVD
99
DI
Reserved. Must be tied high for normal operation
OVDD
18, 29, 43, 57, 78
VDD
Output driver VDD – Power supply for output drivers. Nominally 3.3 V
ODCK
44
DO
Output data clock – Pixel clock. All pixel outputs QE[23:0] and QO[23:0] (if in 2-pixel/clock
mode), along with DE, HSYNC, VSYNC and CTL[3:1], are synchronized to this clock.
OGND
19, 28, 45, 58, 76
GND
Output driver ground – Ground reference and current return for digital output drivers
OCK_INV
100
DI
ODCK polarity – Selects ODCK edge on which pixel data (QE[23:0] and QO[23:0]) and
control signals (HSYNC, VSYNC, DE, CTL[3:1]) are latched.
Normal mode:
High: Latches output data on rising ODCK edge
Low: Latches output data on falling ODCK edge
PD
2
DI
Power down – An active-low signal that controls the TFP401/401A power-down state. During
power down, all output buffers are switched to a high-impedance state. All analog circuits are
powered down and all inputs are disabled, except for PD.
If PD is left unconnected, an internal pullup defaults the TFP401/401A to normal operation.
High : Normal operation
Low: Power down
PDO
9
DI
Output drive power down – An active-low signal that controls the power-down state of the
output drivers. During output drive power down, the output drivers (except SCDT and CTL1)
are driven to a high-impedance state. When PDO is left unconnected, an internal pullup
defaults the TFP401/401A to normal operation.
High: Normal operation/output drivers on
Low: Output drive power down
PGND
98
GND
PLL GND – Ground reference and current return for internal PLL
PIXS
4
DI
Pixel select – Selects between one- and two-pixels-per-clock output modes. During the 2-
pixel/clock mode, both even pixels, QE[23:0], and odd pixels, QO[23:0], are output in tandem
on a given clock cycle. During 1-pixel/clock, even and odd pixels are output sequentially, one
at a time, with the even pixel first, on the even pixel bus, QE[23:0]. (The first pixel per line is
pixel-0, the even pixel. The second pixel per line is pixel-1, the odd pixel).
High: 2-pixel/clock
Low: 1-pixel/clock
PVDD
97
VDD
PLL VDD – Power supply for internal PLL
QE[8:15]
20–27
DO
Even green-pixel output – Output for even and odd green pixels when in 1-pixel/clock mode.
Output for even-only green pixel when in 2-pixel/clock mode. Output data is synchronized to
the output data clock, ODCK.
LSB: QE8/pin 20
MSB: QE15/pin 27
QE[16:23]
30–37
DO
Even red-pixel output – Output for even and odd red pixels when in 1-pixel/clock mode.
Output for even-only red pixel when in 2-pixel/clock mode. Output data is synchronized to the
output data clock, ODCK.
LSB: QE16/pin 30
MSB: QE23/pin 37
QO[0:7]
49–56
DO
Odd blue-pixel output – Output for odd-only blue pixel when in 2-pixel/clock mode. Not used,
and held low, when in 1-pixel/clock mode. Output data is synchronized to the output data
clock, ODCK.
LSB: QO0/pin 49
MSB: QO7/pin 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com