Electronic Components Datasheet Search
  English  ▼

X  

TFP401APZP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TFP401APZP
Description  PanelBus Digital Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP401APZP Datasheet(HTML) 5 Page - Texas Instruments

  TFP401APZP Datasheet HTML 1Page - Texas Instruments TFP401APZP Datasheet HTML 2Page - Texas Instruments TFP401APZP Datasheet HTML 3Page - Texas Instruments TFP401APZP Datasheet HTML 4Page - Texas Instruments TFP401APZP Datasheet HTML 5Page - Texas Instruments TFP401APZP Datasheet HTML 6Page - Texas Instruments TFP401APZP Datasheet HTML 7Page - Texas Instruments TFP401APZP Datasheet HTML 8Page - Texas Instruments TFP401APZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
TFP401, TFP401A
www.ti.com
SLDS120G – MARCH 2000 – REVISED MAY 2016
Product Folder Links: TFP401 TFP401A
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
QO[8:15]
59–66
DO
Odd green-pixel output – Output for odd-only green pixel when in 2-pixel/clock mode. Not
used, and held low, when in 1-pixel/clock mode. Output data is synchronized to the output
data clock, ODCK.
LSB: QO8/pin 59
MSB: QO15/pin 66
QO[16:23]
69–75, 77
DO
Odd red-pixel output – Output for odd-only red pixel when in 2-pixel/clock mode. Not used,
and held low, when in 1-pixel/clock mode. Output data is synchronized to the output data
clock, ODCK.
LSB: QO16/pin 69
MSB: QO23/pin 77
QE[0:7]
10–17
DO
Even blue-pixel output – Output for even and odd blue pixels when in 1-pixel/clock mode.
Output for even-only blue pixel when in 2-pixel per clock mode. Output data is synchronized
to the output data clock, ODCK.
LSB: QE0/pin 10
MSB: QE7/pin 17
RxC+
93
AI
Clock positive receiver input – Positive side of reference clock. TMDS low-voltage signal
differential input pair
RxC–
94
AI
Clock negative receiver input – Negative side of reference clock. TMDS low-voltage signal
differential input pair
Rx0+
90
AI
Channel-0 positive receiver input – Positive side of channel-0. TMDS low-voltage signal
differential input pair.
Channel-0 receives blue pixel data in active display and HSYNC, VSYNC control signals in
blank.
Rx0–
91
AI
Channel-0 negative receiver input – Negative side of channel-0. TMDS low-voltage signal
differential input pair
Rx1+
85
AI
Channel-1 positive receiver input – Positive side of channel-1 TMDS low-voltage signal
differential input pair
Channel-1 receives green-pixel data in active display and CTL1 control signals in blank.
Rx1–
86
AI
Channel-1 negative receiver input – Negative side of channel-1 TMDS low-voltage signal
differential input pair
Rx2+
80
AI
Channel-2 positive receiver input – Positive side of channel-2 TMDS low-voltage signal
differential input pair
Channel-2 receives red-pixel data in active display and CTL2, CTL3 control signals in blank.
Rx2–
81
AI
Channel-2 negative receiver input – Negative side of channel-2 TMDS low-voltage signal
differential input pair
SCDT
8
DO
Sync detect - Output to signal when the link is active or inactive. The link is considered to be
active when DE is actively switching. The TFP401/401A monitors the state of DE to
determine link activity. SCDT can be tied externally to PDO to power down the output drivers
when the link is inactive.
High: Active link
Low: Inactive link
ST
3
DI
Output drive strength select – Selects output drive strength for high- or low-current drive.
(See dc specifications for IOH and IOL vs ST state).
High: High drive strength
Low: Low drive strength
STAG
7
DI
Staggered pixel select – An active-low signal used in the 2-pixel/clock pixel mode (PIXS =
high). Time-staggers the even and odd pixel outputs to reduce ground bounce. Normal
operation outputs the odd and even pixels simultaneously.
High: Normal simultaneous even/odd pixel output
Low: Time-staggered even/odd pixel output
VSYNC
47
DO
Vertical sync output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com