Electronic Components Datasheet Search
  English  ▼

X  

LPC83X Datasheet(PDF) 53 Page - NXP Semiconductors

Part # LPC83X
Description  32-bit ARM짰 Cortex짰-M0 microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC83X Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button LPC83X Datasheet HTML 49Page - NXP Semiconductors LPC83X Datasheet HTML 50Page - NXP Semiconductors LPC83X Datasheet HTML 51Page - NXP Semiconductors LPC83X Datasheet HTML 52Page - NXP Semiconductors LPC83X Datasheet HTML 53Page - NXP Semiconductors LPC83X Datasheet HTML 54Page - NXP Semiconductors LPC83X Datasheet HTML 55Page - NXP Semiconductors LPC83X Datasheet HTML 56Page - NXP Semiconductors LPC83X Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 78 page
background image
LPC83x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.2 — 4 April 2018
53 of 78
NXP Semiconductors
LPC83x
32-bit ARM Cortex-M0+ microcontroller
12.4.1 I/O pins
[1]
Applies to standard port pins and RESET pin.
12.4.2 WKTCLKIN pin (wake-up clock input)
[1]
Assuming a square-wave input clock.
12.4.3 SCTimer/PWM
12.4.4 I2C-bus
Table 16.
Dynamic characteristics: I/O pins[1]
Tamb = 40 C to +85 C; 3.0 V VDD 3.6 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tr
rise time
pin configured as output
3.0
-
5.0
ns
tf
fall time
pin configured as output
2.5
-
5.0
ns
Table 17.
Dynamic characteristics: WKTCLKIN pin
Tamb = 40 C to +85 C; 1.8 V VDD 3.6 V.
Symbol
Parameter
Conditions
Min
Max
Unit
fclk
clock frequency
deep power-down mode and
power-down mode
[1]
-1
MHz
deep-sleep, sleep, and active mode
[1]
-10
MHz
tCHCX
clock HIGH time
-
50
-
ns
tCLCX
clock LOW time
-
50
-
ns
Table 18.
SCTimer/PWM output dynamic characteristics
Tamb = 40 C to +85 C; 2.4 V <= VDD <= 3.6 V; CL = 10 pF. Simulated skew (over process, voltage,
and temperature) of any two SCTimer/PWM output signals routed to standard I/O pins; sampled at
the 50 % level of the falling or rising edge; values guaranteed by design.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tsk(o)
output skew time
-
-
-
4
ns
Table 19.
Dynamic characteristic: I2C-bus pins[1]
Tamb = 40 C to +85 C; values guaranteed by design.[2]
Symbol
Parameter
Conditions
Min
Max
Unit
fSCL
SCL clock
frequency
Standard-mode
0
100
kHz
Fast-mode
0
400
kHz
Fast-mode Plus; on
pins PIO0_10 and
PIO0_11
01
MHz
tf
fall time
[4][5][6][7]
of both SDA and
SCL signals
Standard-mode
-
300
ns
Fast-mode
20 + 0.1
 Cb
300
ns
Fast-mode Plus;
on pins PIO0_10
and PIO0_11
-
120
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com