Electronic Components Datasheet Search
  English  ▼

X  

DS2174 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS2174
Description  EBERT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2174 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS2174 Datasheet HTML 3Page - Maxim Integrated Products DS2174 Datasheet HTML 4Page - Maxim Integrated Products DS2174 Datasheet HTML 5Page - Maxim Integrated Products DS2174 Datasheet HTML 6Page - Maxim Integrated Products DS2174 Datasheet HTML 7Page - Maxim Integrated Products DS2174 Datasheet HTML 8Page - Maxim Integrated Products DS2174 Datasheet HTML 9Page - Maxim Integrated Products DS2174 Datasheet HTML 10Page - Maxim Integrated Products DS2174 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DS2174
7 of 24
Table 1-1. PIN ASSIGNMENT
PIN
NAME
I/O
DESCRIPTION
1, 23
VDD
—
Supply
2
RCLK
I
Receive Clock
3
RCLK_EN
I
Receive Clock Enable
4
RDAT0
I
Receive Serial Data or LSB of Receive Nibble or Byte Data
5
RDAT1
I
Receive Data Nibble or Byte
6
RDAT2
I
Receive Data Nibble or Byte
7
RDAT3
I
Receive Data Nibble or Byte
8
RDAT4
I
Receive Data Byte
9
RDAT5
I
Receive Data Byte
10
RDAT6
I
Receive Data Byte
11
RDAT7
I
Receive Data Byte
12, 22, 29,
34
GND
—
Ground
13
A0
I
Address 0
14
A1
I
Address 1
15
A2
I
Address 2
16
A3
I
Address 3
17
CS
I
Chip Select
18
RD
I
Read
19
WR
I
Write
20, 21
TEST
I
Test Input
24
TCLK
I
Transmit Clock Input
25
TCLK_EN
I
Transmit Clock Enable
26
TCLKO
O
Transmit Clock Output. This is active only when data is being transmitted.
This clock has gapped periods corresponding to the times when the
transmit enable signal is low.
27
TDAT0
O
Transmit Serial Data or LSB of Transmit Nibble or Byte Data
28
TDAT1
O
Transmit Data Nibble or Byte
30
TDAT2
O
Transmit Data Nibble or Byte
31
TDAT3
O
Transmit Data Nibble or Byte
32
TDAT4
O
Transmit Data Byte
33
TDAT5
O
Transmit Data Byte
35
TDAT6
O
Transmit Data Byte
36
TDAT7
O
Transmit Data Byte
37
D0
I/O
Data I/O
38
D1
I/O
Data I/O
39
D2
I/O
Data I/O
40
D3
I/O
Data I/O
41
D4
I/O
Data I/O
42
D5
I/O
Data I/O
43
D6
I/O
Data I/O
44
D7
I/O
Data I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com