Electronic Components Datasheet Search
  English  ▼

X  

DS2174 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS2174
Description  EBERT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2174 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS2174 Datasheet HTML 1Page - Maxim Integrated Products DS2174 Datasheet HTML 2Page - Maxim Integrated Products DS2174 Datasheet HTML 3Page - Maxim Integrated Products DS2174 Datasheet HTML 4Page - Maxim Integrated Products DS2174 Datasheet HTML 5Page - Maxim Integrated Products DS2174 Datasheet HTML 6Page - Maxim Integrated Products DS2174 Datasheet HTML 7Page - Maxim Integrated Products DS2174 Datasheet HTML 8Page - Maxim Integrated Products DS2174 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1 of 24
050202
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple
revisions of any device may be simultaneously available through various sales channels. For information about device errata,
click here: http://www.maxim-ic.com/errata.
FEATURES
§ Generates and detects digital patterns for
analyzing and trouble-shooting digital
communications systems
§ Programmable polynomial length and
feedback taps for generation of any
pseudorandom patterns up to 2
32 - 1; up to 32
taps can be used in the feedback path
§ Programmable, user-defined pattern registers
for long repetitive patterns up to 512 bytes in
length
§ Large 48-bit count and bit error count registers
§ Software-programmable bit error insertion
§ Fully independent transmit and receive paths
§ 8-bit parallel-control port
§ Detects polynomial test patterns in the
presence of bit error rates up to 10
-2
§ Programmable for serial, 4-bit parallel, or 8-bit
parallel data interfaces
§ Serial mode clock rate is 155MHz; byte mode
is 80MHz for a net 622Mbps; OC-3
§
Available in 44-pin PLCC
ORDERING INFORMATION
DS2174Q
44-Pin PLCC
0°C to +70°C
DS2174QN
44-Pin PLCC -40°C to +85°C
PIN ASSIGNMENT
APPLICATIONS
§ Routers
§ Channel Service Units (CSUs)
§ Data Service Units (DSUs)
§ Muxes
§ Switches
§ Digital-to-Analog Converters (DACs)
§ CPE Equipment
§ Bridges
§ Smart Jack
DESCRIPTION
The DS2174 enhanced bit error rate tester (EBERT) is a software-programmable test-pattern generator,
receiver, and analyzer capable of meeting the most stringent error-performance requir ements of digital
transmission facilities. It features bit-serial, nibble-parallel, and byte-parallel data interfaces, and
generates and uniquely synchronizes to pseudorandom patterns of the form 2
n - 1, where n can take on
values from 1 to 32, and user-defined repetitive patterns of any length up to 512 octets.
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
D2
D1
D0
TDAT7
TDAT6
GND
TDAT5
TDAT4
TDAT3
TDAT2
GND
RDAT3
RDAT4
RDAT5
RDAT6
RDAT7
GND
A0
A1
A2
A3
CS
www.maxim-ic.com
DS2174
EBERT
DS2174


Similar Part No. - DS2174

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2174Q MAXIM-DS2174Q Datasheet
263Kb / 24P
EBERT
091302
More results

Similar Description - DS2174

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2174Q MAXIM-DS2174Q Datasheet
263Kb / 24P
EBERT
091302
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com