Electronic Components Datasheet Search
  English  ▼

X  

DS2174 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS2174
Description  EBERT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2174 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS2174 Datasheet HTML 1Page - Maxim Integrated Products DS2174 Datasheet HTML 2Page - Maxim Integrated Products DS2174 Datasheet HTML 3Page - Maxim Integrated Products DS2174 Datasheet HTML 4Page - Maxim Integrated Products DS2174 Datasheet HTML 5Page - Maxim Integrated Products DS2174 Datasheet HTML 6Page - Maxim Integrated Products DS2174 Datasheet HTML 7Page - Maxim Integrated Products DS2174 Datasheet HTML 8Page - Maxim Integrated Products DS2174 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
DS2174
5 of 24
1.2 Pattern Synchronization
Synchronization
The receiver synchronizes to the same pattern that is being transmitted. The pattern must be error free
when the synchronizer is online. Once synchronized, an error density of 6 bits in 64 causes the receiver to
declare loss of pattern sync, set the RLOS bit, and the synchronizer comes back online.
Polynomial Synchronization
Synchronization to polynomial patterns take 50 + n clock cycles (14 + n in nibble mode, 8 + n in byte
mode), where n is the exponent in the polynomial that describes the pattern. Once synchronized, any bit
that does not match the polynomial is counted as a bit error.
Repetitive Pattern Synchronization
Synchronization to repetitive patterns can take several complete repetitions of the entire pattern. The
actual sync time depends on the nature of the pattern and the location of the synchronization pointer.
Errors that occur during synchronization could affect the sync time; at least one complete error-free
repetition must be received before synchronization is declared. Once synchronized, any bit that does not
match the pattern that is programmed in the on-board RAM is counted as a bit error.
1.3 Bit Error Rate (BER) Calculation
Counters
The bit counter is active at all times. Once synchronized, the error counters come online. The receiver has
large 48-bit count registers. These counters accumulate for 50,640 hours at the T1 line rate, 1.544MHz,
and 38,170 hours at the E1 line rate, 2.048MHz. At higher clock rates, the counters saturate quicker, but
at the T3 line rate, the counter still runs for almost 1500 hours, and at 155MHz it runs for 504 hours.
To accumulate BER data, the user toggles the LC bit at T = 0. This clears the accumulators and loads the
contents into the count registers. At T = 0, these results should be ignored. At this point, the device is
counting bits and bit errors. At the end of the specified time interval, the user toggles the LC bit again and
reads the count registers. These are the valid results used to calculate a bit error rate. Remember, the bit
counter is really counting clocks, so in nibble and byte modes the bit counter value needs to be multiplied
by 4 or 8 to get the correct bit count. For longer integration periods, the results of multiple read cyc les
have to be accumulated in software.
1.4 Generating Errors
Through Control Register 2, the user can intentionally inject a particular error rate into the transmitted
data stream. Injecting errors allows users to stress communication links and to check the functionality of
error monitoring equipment along the path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com