Electronic Components Datasheet Search
  English  ▼

X  

DS2174 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS2174
Description  EBERT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2174 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS2174 Datasheet HTML 16Page - Maxim Integrated Products DS2174 Datasheet HTML 17Page - Maxim Integrated Products DS2174 Datasheet HTML 18Page - Maxim Integrated Products DS2174 Datasheet HTML 19Page - Maxim Integrated Products DS2174 Datasheet HTML 20Page - Maxim Integrated Products DS2174 Datasheet HTML 21Page - Maxim Integrated Products DS2174 Datasheet HTML 22Page - Maxim Integrated Products DS2174 Datasheet HTML 23Page - Maxim Integrated Products DS2174 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
DS2174
21 of 24
Figure 6-2. WRITE TIMING
Table 6 -2. PARALLEL PORT WRITE TIMING
(0°C to +70°C for DS2174Q; VDD = 3.0V to 3.6V;
-40°C to +85
°C for DS2174QN; V
DD = 3.0V to 3.6V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
CS Setup Time Before WR
↓
tSU(1)
5.0
ns
A(3:0) Setup Time Before WR
↓
tSU(2)
10.0
ns
A(3:0) Hold Time After WR
↑
tH(1)
10.0
ns
WR Pulse Width
tPW
38
ns
DATA Setup Time Before WR
↑
tSU(3)
10.0
ns
DATA Hold Time After WR
↑
tH(2)
5.0
ns
CS Hold Time After WR
↑
tH(3)
5.0
ns
VALID DATA
t SU(3)
A[3:0]
CS
WR
D[7:0]
DATA IN
t SU(1)
t SU(2)
t PW
t H(1)
t H(3)
t H(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com