Electronic Components Datasheet Search
  English  ▼

X  

DS2174 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # DS2174
Description  EBERT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2174 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button DS2174 Datasheet HTML 16Page - Maxim Integrated Products DS2174 Datasheet HTML 17Page - Maxim Integrated Products DS2174 Datasheet HTML 18Page - Maxim Integrated Products DS2174 Datasheet HTML 19Page - Maxim Integrated Products DS2174 Datasheet HTML 20Page - Maxim Integrated Products DS2174 Datasheet HTML 21Page - Maxim Integrated Products DS2174 Datasheet HTML 22Page - Maxim Integrated Products DS2174 Datasheet HTML 23Page - Maxim Integrated Products DS2174 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
DS2174
22 of 24
6.2 Data Interface
Figure 6-3. TRANSMIT INTERFACE TIMING
Table 6 -3. TRANSMIT DATA TIMING
(0
°C to +70°C for DS2174Q; V
DD = 3.0V to 3.6V;
-40°C to +85°C for DS2174QN; VDD = 3.0V to 3.6V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
TCLK Clock Period (Nibble/Byte
Mode)
tCYC
12.5
ns
TCLK High Time (Nibble/Byte Mode)
tPWH
5.0
½ tCYC
ns
TCLK Low Time (Nibble/Byte Mode)
tPWL
5.0
½ tCYC
ns
TCLK Clock Period (Bit Mode)
tCYC
6.45
ns
TCLK High Time (Bit Mode)
tPWH
2.0
½ tCYC
ns
3
TCLK Low Time (Bit Mode)
tPWL
2.0
½ tCYC
ns
3
TCLK_EN Setup Time Before TCLK
↑
tSU
2.5
ns
TCLK_EN Hold Time After TCLK
↑
tH
2.5
ns
TCLKO Output Delay After TCLK
↑
tOD
6.0
ns
1
TCLKO High Time (Nibble/Byte
Mode)
tPWH(1)
5.0
ns
1
TCLKO High Time (Bit Mode)
tPWH(1)
2.0
ns
1
TDAT Output Delay After TCLKO
↓
tOD(1)
5.0
ns
1, 2
NOTES:
1) 20pF load.
2) TDAT follows falling edge of TCLKO if CR4.5 = 0, rising edge if CR4.5 = 1.
3) Guaranteed by design.
TCLK
TDAT
TCLKO
TCLK_EN
t CYC
t PWH
t PWL
t H
t SU
t PWH(1)
t OD
t OD(1)
GAPPED CLOCK
GAPPED CLOCK
DATA OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com