Electronic Components Datasheet Search
  English  ▼

X  

DS2174 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS2174
Description  EBERT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2174 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS2174 Datasheet HTML 9Page - Maxim Integrated Products DS2174 Datasheet HTML 10Page - Maxim Integrated Products DS2174 Datasheet HTML 11Page - Maxim Integrated Products DS2174 Datasheet HTML 12Page - Maxim Integrated Products DS2174 Datasheet HTML 13Page - Maxim Integrated Products DS2174 Datasheet HTML 14Page - Maxim Integrated Products DS2174 Datasheet HTML 15Page - Maxim Integrated Products DS2174 Datasheet HTML 16Page - Maxim Integrated Products DS2174 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DS2174
13 of 24
Mode Select
The DS2174 is configured to operate in bit, nibble, or byte mode by using the MODE1/MODE0 bits in
Control Register 2.
Table 3-1. MODE SELECT
MODE1
MODE0
OPERATION MODE
0
0
Bit
0
1
Nibble
1
0
Byte
1
1
Invalid
Error Insertion
The DS2174 inserts bit errors at a particular rate by setting the error insertion bits in Control Register 2
(Table 4). In addition, the device inserts errors on command by setting the SBE bit in Control Register 2.
The bit that occurs after the rising edge of the SBE insert bit is inverted. In the case of the QRSS pattern,
this could result in a string of 0’s longer than 14 bits; the DS2174 delays the erred bit by 1 clock cycle.
Data in the nibble and byte modes is presented 4 or 8 bits at a time. When in nibble or byte mode and
selecting 10
-1 error rate, the device actually produces an error rate of 8-1. When in byte mode and
selecting an error rate of 10
-2, the device produces an error rate of 8-2.
Table 3 -2. ERROR BIT INSERTION
EIR2
EIR1
EIR0
ERROR RATE
SERIAL
NIBBLE
BYTE
0
0
0
None
4
4
4
0
0
1
10
-1
4
8
-1
8
-1
0
1
0
10
-2
4
4
8
-2
0
1
1
10
-3
4
4
4
1
0
0
10
-4
4
4
4
1
0
1
10
-5
4
4
4
1
1
0
10
-6
4
4
4
1
1
1
10
-7
4
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com