Electronic Components Datasheet Search
  English  ▼

X  

DS2174 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS2174
Description  EBERT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2174 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS2174 Datasheet HTML 1Page - Maxim Integrated Products DS2174 Datasheet HTML 2Page - Maxim Integrated Products DS2174 Datasheet HTML 3Page - Maxim Integrated Products DS2174 Datasheet HTML 4Page - Maxim Integrated Products DS2174 Datasheet HTML 5Page - Maxim Integrated Products DS2174 Datasheet HTML 6Page - Maxim Integrated Products DS2174 Datasheet HTML 7Page - Maxim Integrated Products DS2174 Datasheet HTML 8Page - Maxim Integrated Products DS2174 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
DS2174
4 of 24
1. GENERAL OPERATION
1.1 Pattern Generation
Polynomial Generation
The DS2174 has a tap select register that can be used as a mask to tap up to 32 bits in the feedback path
of the polynomial generator. It also features a seed register that can be used to preload the polynomial
generator with a seed value. This is done on the rising edge of TL in Control Register 1.
The DS2174 generates polynomial patterns of any length up to and including 2
32 - 1. All of the industry-
standard polynomials can be programmed using the control registers. The polynomial is generated using a
shift register of programmable length and programmable feedback tap positions. The user has access to
all combinations of pattern length and pattern tap location to gene rate industry-standard polynomials or
other combinations as well. In addition, the QRSS pattern described in T1.403 is described by the
polynomial 2
20 - 1. This pattern has the additional requirement that “an output bit is forced to a ONE
whenever the next 14 bits are ZERO.” Setting the QRSS bit in Control Register 1 causes the pattern
generator to enforce this rule.
Repetitive Pattern Generation
In addition to polynomial patterns, the DS2174 generates repetitive patterns of considerable length. The
programmer has access to 512 bytes of memory for storing pattern. The pattern length bits PL0 through
PL8, located at addresses 02h and 03h, are used to program the length of the repetitive pattern. Memory is
addressed indirectly and is used to store the pattern. Data can be sent MSB or LSB first as it appears in
the memory.
Repetitive patterns can include simple patterns such as 3 in 24, but the additional memory can be used to
store patterns such as DDS-n patterns or T1-n patterns. Repetitive patterns are stored in increments of 8
bits. To generate a repetitive pattern that is 12 bits long (3 nibbles), the pattern is written twice such that
the pattern is 24 bits long (3 bytes), and repeats twice in memory. The same is true when the device is
used in serial mode: a 5-bit pattern is written to memory 5 times. For example,
To generate a 00001 pattern at the serial output, write these bytes to memory:
RAM ADDRESS
BINARY CODE
HEX CODE
00h
00010000
10h
01h
01000010
42h
02h
00001000
08h
03h
00100001
21h
04h
10000100
84h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com