Electronic Components Datasheet Search
  English  ▼

X  

DS2174 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS2174
Description  EBERT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2174 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS2174 Datasheet HTML 15Page - Maxim Integrated Products DS2174 Datasheet HTML 16Page - Maxim Integrated Products DS2174 Datasheet HTML 17Page - Maxim Integrated Products DS2174 Datasheet HTML 18Page - Maxim Integrated Products DS2174 Datasheet HTML 19Page - Maxim Integrated Products DS2174 Datasheet HTML 20Page - Maxim Integrated Products DS2174 Datasheet HTML 21Page - Maxim Integrated Products DS2174 Datasheet HTML 22Page - Maxim Integrated Products DS2174 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
DS2174
19 of 24
5. DC OPERATION
ABSOLUTE MAXIMUM RATINGS*
Voltage Range on Any Pin Relative to Ground
-1.0V to +5.5V
Operating Temperature Range for DS2174QN
-40
oC to +85oC
Storage Temperature Range
-55
oC to +125oC
Soldering Temperature Range
See IPC/JEDEC J-STD-020A
*This a stress rating only and functional operation of the device at these or any other conditions beyond
those indicated in the operation sections of this specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods of time can affect reliability.
Table 5 -1. RECOMMENDED DC OPERATING CONDITIONS
(0°C to +70°C for DS2174Q;
-40°C to +85°C for DS2174QN)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Logic 1
VIH
2.2
5.5
V
Logic 0
VIL
-0.3
+0.8
V
Supply Voltage
VDD
3.0
3.3
3.6
V
Table 5 -2. DC CHARACTERISTICS
(0°C to +70°C for DS2174Q; VDD = 3.0V to 3.6V;
-40°C to +85°C for DS2174QN; VDD = 3.0V to 3.6V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Current
IDD
50
60
mA
1
Lead Capacitance
CIO
7
pF
Input Leakage
IIL
-10
+10
µA
2
Input Leakage (with Pullups)
IILP
-500
+500
µA
2
Output Leakage
ILO
-10
+10
µA
3
Output Current at 2.4V
IOH
-4.0
mA
Output Current at 2.4V
IOH8
-8.0
mA
4
Output Current at 0.4V
IOL
+4.0
mA
Output Current at 0.4V
IOL8
+8.0
mA
4
NOTES:
1) TCLK = RCLK = 155MHz serial mode; outputs open-circuited or 80MHz byte mode.
2) 0V < VIN < VDD.
3) Applies to TDAT when tristated.
4) Applies to TDAT[0] and TCLKO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com