Electronic Components Datasheet Search
  English  ▼

X  

AD9544 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9544
Description  Quad Input, 10-Output, Dual DPLL, 1 pps Synchronizer and Jitter Cleaner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9544 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9544 Datasheet HTML 31Page - Analog Devices AD9544 Datasheet HTML 32Page - Analog Devices AD9544 Datasheet HTML 33Page - Analog Devices AD9544 Datasheet HTML 34Page - Analog Devices AD9544 Datasheet HTML 35Page - Analog Devices AD9544 Datasheet HTML 36Page - Analog Devices AD9544 Datasheet HTML 37Page - Analog Devices AD9544 Datasheet HTML 38Page - Analog Devices AD9544 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
Data Sheet
AD9544
Rev. 0 | Page 35 of 62
INITIALIZATION SEQUENCE
Figure 43, Figure 44, and Figure 45 describe the sequence for powering on and programming the AD9544.
WRITE:
REGISTER 0x000F = 0x01
ISSUE A
CHIP LEVEL RESET
(PIN OR SOFT RESET)
RST_COUNT =
RST_COUNT + 1
APPLY VDD
(ALL DOMAINS)
START
VDD
SETTLED?
REFERENCE INPUT(S)
CAN BE APPLIED
ANY TIME HEREAFTER
SUBPROCESS:
SYSTEM CLOCK
INITIALIZATION
POR: WAIT 60ms
RST_COUNT > 0
RAISE FLAG FOR
DEBUGGING
WRITE:
REGISTER 0x000F = 0x01
READ:
REGISTER 0x3000 TO REGISTER 0x3019
REGISTER 0x3100 TO REGISTER 0x310E
REGISTER 0x3200 TO REGISTER 0x320E
END
RST_COUNT = 0
YES
NO
NO
YES
CHIP LEVEL
RESET LOOP
WAIT FOR POWER
SUPPLIES TO
STABILIZE
SUBPROCESS:
ANALOG PLLi
INITIALIZATION
i = 0
APLLi
ENABLED
i > 1
i = i +1
NO
NO
YES
SOFTWARE
GENERATED
AD9544
REGISTER DUMP
WRITE REGISTER
CONTENT FROM
SETUP FILE
YES
Figure 43. Programming Sequence Loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com