Electronic Components Datasheet Search
  English  ▼

X  

AD9544 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9544
Description  Quad Input, 10-Output, Dual DPLL, 1 pps Synchronizer and Jitter Cleaner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9544 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9544 Datasheet HTML 21Page - Analog Devices AD9544 Datasheet HTML 22Page - Analog Devices AD9544 Datasheet HTML 23Page - Analog Devices AD9544 Datasheet HTML 24Page - Analog Devices AD9544 Datasheet HTML 25Page - Analog Devices AD9544 Datasheet HTML 26Page - Analog Devices AD9544 Datasheet HTML 27Page - Analog Devices AD9544 Datasheet HTML 28Page - Analog Devices AD9544 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 62 page
background image
Data Sheet
AD9544
Rev. 0 | Page 25 of 62
–30
–25
–20
–15
–10
–5
0
5
0.001
0.01
0.1
1
10
100
1k
PHASE MARGIN:88.5°
PEAKING: <0.1dB
ATTENUATION:
AT LOOP BW: 5.5dB
2× LOOP BW: 18dB/DECADE
100× LOOP BW: 41dB/DECADE
1000× LOOP BW: 60dB/DECADE
OFFSET FREQUENCY (Hz)
BW = 10mHz
BW = 100mHz
BW = 1Hz
BW = 10Hz
BW = 100Hz
Figure 21. DPLL Closed-Loop Transfer Function Nominal Phase Margin
Loop Filter Setting
–30
–25
–20
–15
–10
–5
0
5
0.001
0.01
0.1
1
OFFSET FREQUENCY (Hz)
10
100
1000
PHASE MARGIN:70°
PEAKING: 1.07dB
ATTENUATION:
AT LOOP BW: 2.5dB
2× LOOP BW: 21dB/
DECADE
100× LOOP BW: 60dB/
DECADE
BW = 10mHz
BW = 100mHz
BW = 1Hz
BW = 10Hz
BW = 100Hz
Figure 22. DPLL Closed-Loop Transfer Function High Phase Margin Loop
Filter Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com