Electronic Components Datasheet Search
  English  ▼

X  

AD9544 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9544
Description  Quad Input, 10-Output, Dual DPLL, 1 pps Synchronizer and Jitter Cleaner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9544 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9544 Datasheet HTML 7Page - Analog Devices AD9544 Datasheet HTML 8Page - Analog Devices AD9544 Datasheet HTML 9Page - Analog Devices AD9544 Datasheet HTML 10Page - Analog Devices AD9544 Datasheet HTML 11Page - Analog Devices AD9544 Datasheet HTML 12Page - Analog Devices AD9544 Datasheet HTML 13Page - Analog Devices AD9544 Datasheet HTML 14Page - Analog Devices AD9544 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
Data Sheet
AD9544
Rev. 0 | Page 11 of 62
DIGITAL PLL LOCK DETECTION SPECIFICATIONS
Table 11.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PHASE LOCK DETECTOR
Threshold Programming Range
10
224 − 1
ps
Threshold Resolution
1
ps
FREQUENCY LOCK DETECTOR
Threshold Programming Range
10
224 − 1
ps
Threshold Resolution
1
ps
PHASE STEP DETECTOR
Threshold Programming Range
100
232 − 1
ps
Setting this value too low causes false triggers
Threshold Resolution
1
ps
HOLDOVER SPECIFICATIONS
Table 12.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
HOLDOVER SPECIFICATIONS
Initial Frequency Accuracy
±0.01
±0.1
ppb
AD9544 is configured using Configuration 1 from Table 21;
excludes frequency drift of system clock (SYSCLK) source;
excludes frequency drift of input reference prior to
entering holdover; 160 ms history timer; history holdoff
setting of 8; three holdover history features (bits) are
enabled: delay history until frequency lock bit, delay
history until phase lock bit, and delay holdover history
accumulation until not phase slew limited bit
Relative Frequency Accuracy
Between Channels
Cascaded Operation
0
ppb
History Averaging Window
0.001
268435
sec
ANALOG PLL (APLL0, APLL1) SPECIFICATIONS
Table 13.
Parameter
Min
Typ
Max
Unit
VCO FREQUENCY RANGE
Analog PLL0 (APLL0)
2424
3232
MHz
Analog PLL1 (APLL1)
3232
4040
MHz
PHASE FREQUENCY DETECTOR (PFD) INPUT FREQUENCY RANGE
162
350
MHz
LOOP BANDWIDTH
260
kHz
PHASE MARGIN
68
Degrees
OUTPUT CHANNEL DIVIDER SPECIFICATIONS
Table 14.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT PHASE ADJUST STEP SIZE
1
tVCO
tVCO = 1/(APLLx VCO frequency), where x = 0, 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com