Electronic Components Datasheet Search
  English  ▼

X  

AD9544 Datasheet(PDF) 43 Page - Analog Devices

Part # AD9544
Description  Quad Input, 10-Output, Dual DPLL, 1 pps Synchronizer and Jitter Cleaner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9544 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9544 Datasheet HTML 39Page - Analog Devices AD9544 Datasheet HTML 40Page - Analog Devices AD9544 Datasheet HTML 41Page - Analog Devices AD9544 Datasheet HTML 42Page - Analog Devices AD9544 Datasheet HTML 43Page - Analog Devices AD9544 Datasheet HTML 44Page - Analog Devices AD9544 Datasheet HTML 45Page - Analog Devices AD9544 Datasheet HTML 46Page - Analog Devices AD9544 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
Data Sheet
AD9544
Rev. 0 | Page 43 of 62
Bits[D6:D0]
(Hex)
Control Function
Destination Proxy
Status Function
Source Proxy (or Description)
0x5D
Unassigned
Not applicable
Unassigned
Not applicable
0x5E
Unassigned
Not applicable
DPLL1 phase step detected
Not applicable
0x5F
Unassigned
Not applicable
DPLL1 fast acquisition active
Register 0x3202, Bit D4
0x60
PLL1 power-down
Register 0x2200, Bit D0
DPLL1 fast acquisition
complete
Register 0x3202, Bit D5
0x61
DPLL1 force freerun
Register 0x2205, Bit D0
DPLL1 feedback divider
resync
Not applicable
0x62
DPLL1 force holdover
Register 0x2205, Bit D1
PLL1 distribution phase slew
enable OR’ed
Register 0x320D, Logical OR of
Bits[3:0]
0x63
DPLL1 clear tuning
word history
Register 0x2207, Bit D1
PLL1 distribution phase
control error OR’ed
Register 0x320E, Logical OR if Bits[3:0]
0x64
Synchronize PLL1
distribution dividers
Register 0x2201, Bit D3
Unassigned
Not applicable
0x65
DPLL1 translation
profile select, Bit 0
Register 0x2205, Bit D4
Unassigned
Not applicable
0x66
DPLL1 translation
profile select, Bit 1
Register 0x2205, Bit D5
Unassigned
Not applicable
0x67
DPLL1 translation
profile select, Bit 2
Register 0x2205, Bit D6
Unassigned
Not applicable
0x68
Unassigned
Not applicable
Unassigned
Not applicable
0x69
Unassigned
Not applicable
Unassigned
Not applicable
0x6A
Unassigned
Not applicable
Unassigned
Not applicable
0x6B
Unassigned
Not applicable
Unassigned
Not applicable
0x6C
Unassigned
Not applicable
Unassigned
Not applicable
0x6D
Unassigned
Not applicable
Unassigned
Not applicable
0x6E
Unassigned
Not applicable
Unassigned
Not applicable
0x6F
Unassigned
Not applicable
Unassigned
Not applicable
0x70
Mute OUT1A
Register 0x2202, Bit D2
Not applicable
Not applicable
0x71
Mute OUT1AA
Register 0x2202, Bit D3
Not applicable
Not applicable
0x72
Reset OUT1A/OUT1AA
driver
Register 0x2202, Bit D5
Not applicable
Not applicable
0x73
Mute OUT1B
Register 0x2203, Bit D2
Not applicable
Not applicable
0x74
Mute OUT1BB
Register 0x2203, Bit D3
Not applicable
Not applicable
0x75
Reset OUT1B/OUT1BB
driver
Register 0x2203, Bit D5
Not applicable
Not applicable
0x76
Mute OUT1xP/OUT1xN
drivers
Register 0x2201, Bit D1
Unassigned
Not applicable
0x77
Reset OUT1xP/OUT1xN
drivers
Register 0x2201, Bit D2
Unassigned
Not applicable
0x78
Channel 1 N-shot
request
Register 0x2201, Bit D0
Timestamp 0 event detected
Not applicable
0x79
Unassigned
Not applicable
Timestamp 1 event detected
Not applicable
0x7A
Unassigned
Not applicable
Skew measurement detected
Not applicable
0x7B
Unassigned
Not applicable
Unassigned
Not applicable
0x7C
Unassigned
Not applicable
Unassigned
Not applicable
0x7D
Unassigned
Not applicable
Unassigned
Not applicable
0x7E
Unassigned
Not applicable
Unassigned
Not applicable
0x7F
Unassigned
Not applicable
Unassigned
Not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com