Electronic Components Datasheet Search
  English  ▼

X  

AD9544 Datasheet(PDF) 47 Page - Analog Devices

Part # AD9544
Description  Quad Input, 10-Output, Dual DPLL, 1 pps Synchronizer and Jitter Cleaner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9544 Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9544 Datasheet HTML 43Page - Analog Devices AD9544 Datasheet HTML 44Page - Analog Devices AD9544 Datasheet HTML 45Page - Analog Devices AD9544 Datasheet HTML 46Page - Analog Devices AD9544 Datasheet HTML 47Page - Analog Devices AD9544 Datasheet HTML 48Page - Analog Devices AD9544 Datasheet HTML 49Page - Analog Devices AD9544 Datasheet HTML 50Page - Analog Devices AD9544 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
Data Sheet
AD9544
Rev. 0 | Page 47 of 62
LOCK DETECTORS
DPLL LOCK DETECTORS
DPLL Phase Lock Detector
Each DPLL channel (DPLL0 and DPLL1) contains an all digital
phase lock detector. The user controls the threshold sensitivity
and hysteresis of the phase detector via the source profiles.
The phase lock detector provides the user with two status bits in
the status readback PLLx section of the register map. The DPLLx
phase lock bit latches to Logic 1 when the DPLL changes state
from not phase locked to phase locked. The DPLLx phase unlock
bit latches to Logic 1 when the DPLL changes state from phase
locked to not phase locked. The DPLLx phase lock bits are
located in Register 0x3100 and 0x3200, respectively. Because
these bits can change dynamically, it is strongly recommended
that the user set an IRQ for these bits. When using the IRQ
function, it is possible for the IRQ status to indicate Logic 1 for
an IRQ function that was just enabled if that condition is true at
the time the IRQ is enabled. Therefore, the user must clear the
IRQ just enabled via the IRQ map DPLL0 clear (Register 0x200B
to Register 0x200F) section and the IRQ map DPLL1 clear
(Register 0x2010 to Register 0x2014) section of the register map to
obtain visibility of subsequent state transitions of the phase lock
detector.
The phase lock detector behaves in a manner analogous to
water in a tub (see Figure 49). The total capacity of the tub
is 4096 units, with −2048 denoting empty, 0 denoting the 50%
point, and +2047 denoting full. The tub also has a safeguard to
prevent overflow. Furthermore, the tub has a low water mark
at −1025 and a high water mark at +1024. To change the water
level, the phase lock detector adds water with a fill bucket or
removes water with a drain bucket. To specify the size of the fill
and drain buckets, use the unsigned 8-bit Profile x phase lock fill
rate and Profile x phase lock fill rate bit field (where x is a value
from 0 through 7, corresponding to a particular source profile).
The water level in the tub is what the lock detector uses to
determine the lock and unlock conditions. When the water level
is below the low water mark (−1025), the lock detector indicates
an unlock condition. Conversely, when the water level is above
the high water mark (+1024), the lock detector indicates a lock
condition. When the water level is between the marks, the lock
detector holds its last condition. Figure 49 shows this concept
with an overlay of an example of the instantaneous water level
(vertical) vs. time (horizontal) and the resulting lock/unlock
states.
0
2047
–2048
1024
–1025
LOCK LEVEL
UNLOCK LEVEL
LOCKED
UNLOCKED
PREVIOUS
STATE
FILL
RATE
DRAIN
RATE
Figure 49. Lock Detector Diagram
During any given PFD phase error sample, the lock detector
either adds water with the fill bucket or removes water with the
drain bucket (one or the other, but not both). The decision of
whether to add or remove water depends on the threshold level
specified by the user in the 24-bit unsigned Profile x phase lock
threshold bit field. The bit field value is the desired threshold in
picoseconds. Thus, the phase lock threshold extends from 0 ps
to 16.7 µs and represents the phase error at the output of the
PFD. Though the programming range supports 0 ps as a lower
limit, in practice, the minimum value must be greater than 50 ps.
The phase lock detector compares the absolute value of each
phase error sample at the output of the PFD to the programmed
phase threshold value. If the absolute value of the phase error
sample is less than or equal to the programmed phase threshold
value, the detector control logic adds one fill bucket into the
tub. Otherwise, it removes one drain bucket from the tub. Note
that it is the magnitude, relative to the phase threshold value,
that determines whether to fill or drain the bucket, and not the
polarity of the phase error sample.
An exception to the fill/drain process occurs when the phase
slew limiter is active. When the phase slew limiter is actively in
the limiting process, the lock detector blocks fill events, allowing
only drain events to occur.
When more filling is taking place than draining, the water level
in the tub eventually rises above the high water mark (+1024),
which causes the lock detector to indicate lock. When more
draining is taking place than filling, the water level in the tub
eventually falls below the low water mark (−1024), which causes
the lock detector to indicate unlock. The ability to specify the
threshold level, fill rate, and drain rate enables the user to tailor
the operation of the lock detector to the statistics of the timing
jitter associated with the input reference signal. Note that, for
debug purposes, the user can make the fill or drain rate zero to
force the lock detector to indicate a lock or unlock state,
respectively.
Note that whenever the AD9544 enters freerun or holdover
mode, the DPLL phase lock detector indicates an unlocked state.
For more information on how to choose the appropriate phase
lock threshold, fill rate, and drain rate values for a given
application, refer to the AN-1061 Application Note.
DPLL Frequency Lock Detector
The operation of the frequency lock detector is identical to that
of the phase lock detector, with two exceptions:
•
The fill or drain decision is based on the period deviation
between the reference of the DPLL and the feedback
signals, instead of the phase error at the output of the PFD.
•
The frequency lock detector is unaffected by the state of
the phase slew limiter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com