Electronic Components Datasheet Search
  English  ▼

X  

AD9544 Datasheet(PDF) 60 Page - Analog Devices

Part # AD9544
Description  Quad Input, 10-Output, Dual DPLL, 1 pps Synchronizer and Jitter Cleaner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9544 Datasheet(HTML) 60 Page - Analog Devices

Back Button AD9544 Datasheet HTML 54Page - Analog Devices AD9544 Datasheet HTML 55Page - Analog Devices AD9544 Datasheet HTML 56Page - Analog Devices AD9544 Datasheet HTML 57Page - Analog Devices AD9544 Datasheet HTML 58Page - Analog Devices AD9544 Datasheet HTML 59Page - Analog Devices AD9544 Datasheet HTML 60Page - Analog Devices AD9544 Datasheet HTML 61Page - Analog Devices AD9544 Datasheet HTML 62Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 60 / 62 page
background image
AD9544
Data Sheet
Rev. 0 | Page 60 of 62
When all the data bytes are read or written, stop conditions are
established. In write mode, the master device (transmitter)
asserts a stop condition to end data transfer during the clock
pulse following the acknowledge bit for the last data byte from the
slave device (receiver). In read mode, the master device (receiver)
receives the last data byte from the slave device (transmitter)
but does not pull SDA low during the ninth clock pulse (a
nonacknowledge bit). By receiving the nonacknowledge bit, the
slave device knows that the data transfer is finished and enters
idle mode. The master device then takes the data line low
during the low period before the 10th clock pulse, and high
during the 10th clock pulse to assert a stop condition.
A start condition can be used instead of a stop condition.
Furthermore, a start or stop condition can occur at any time,
and partially transferred bytes are discarded.
SDA
START CONDITION
STOP CONDITION
SCL
S
P
Figure 60. Start and Stop Conditions
1
2
8
9
1
2
3 TO 7
3 TO 7
8
9
10
SDA
SCL
S
MSB
ACK FROM
SLAVE RECEIVER
ACK FROM
SLAVE RECEIVER
P
Figure 61. Acknowledge Bit
1
2
8
9
1
2
3 TO 7
3 TO 7
8
9
10
ACK FROM
SLAVE RECEIVER
ACK FROM
SLAVE RECEIVER
SDA
SCL
S
MSB
P
Figure 62. Data Transfer Process (Master Write Mode, 2-Byte Transfer)
1
2
8
9
1
2
3 TO 7
3 TO 7
8
9
10
ACK FROM
MASTER RECEIVER
NONACK FROM
MASTER RECEIVER
SDA
SCL
S
P
Figure 63. Data Transfer Process (Master Read Mode, 2-Byte Transfer), First Acknowledge From Slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com