Electronic Components Datasheet Search
  English  ▼

X  

AD9544 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9544
Description  Quad Input, 10-Output, Dual DPLL, 1 pps Synchronizer and Jitter Cleaner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9544 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9544 Datasheet HTML 24Page - Analog Devices AD9544 Datasheet HTML 25Page - Analog Devices AD9544 Datasheet HTML 26Page - Analog Devices AD9544 Datasheet HTML 27Page - Analog Devices AD9544 Datasheet HTML 28Page - Analog Devices AD9544 Datasheet HTML 29Page - Analog Devices AD9544 Datasheet HTML 30Page - Analog Devices AD9544 Datasheet HTML 31Page - Analog Devices AD9544 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
AD9544
Data Sheet
Rev. 0 | Page 28 of 62
INPUT/OUTPUT TERMINATION RECOMMENDATIONS
SYSTEM CLOCK INPUTS
XOA
XOB
AD9544
25MHz TO 60MHz
FUNDAMENTAL
AT-CUT CRYSTAL
CTUNE
CTUNE
Figure 23. System Clock Input (XOA/XOB) in Crystal Mode
(Each CTUNE Shunt Capacitor Shown Must Equal 2× (CLOAD − CSTRAY,
Where Typical CSTRAY = 2 pF to 5 pF)
XOA
330Ω
150Ω
0.1µF
XOB
AD9544
3.3V
CMOS
TCXO
0.1µF
Figure 24. System Clock Input (XOA, XOB) when Using a TCXO/OCXO with
3.3 V CMOS Output
REFERENCE CLOCK INPUTS
R1
R2
REFx
OR
REFxx
INTERNAL DC THRESHOLD
FOR 1.2V OR 1.8V CMOS
AD9544
1.8V RECEIVER
CMOS
DRIVER
HI-Z
INPUT
Figure 25. Single-Ended DC-Coupled Mode, 1.2 V or 1.8 V CMOS
RL
(OPTIONAL)
0.1µF
REFx
OR
REFxx
AD9544
1.8V RECEIVER
DRIVER
1.2V
47kΩ
47kΩ
0.6V
Figure 26. Single-Ended AC-Coupled Mode
REFx
OR
REFxx
AD9544
DRIVER
1.2V
47kΩ
0.6V
Figure 27. Single-Ended Internal Pull-Up Mode
REFx
LVDS DRIVER
(1.2V COMMON-MODE)
REFxx
AD9544
100Ω
20µA
20µA
20µA
20µA
1.2V
30kΩ
30kΩ
LEVEL SHIFT
Figure 28. Differential LVDS Input Mode
REFx
DIFFERENTIAL
DRIVER
REFxx
AD9544
RL
47Ω
47Ω
0.6V
0.1µF
0.1µF
1.2V
0.6V
47Ω
47Ω
Figure 29. Differential AC-Coupled Mode (RL = 100 Ω Is Recommended,
Except For HCSL)
REFx
DIFFERENTIAL DRIVER
(0.6V COMMON-MODE)
REFxx
AD9544
RL
Figure 30. Differential DC-Coupled Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com