Electronic Components Datasheet Search
  English  ▼

X  

AD9544 Datasheet(PDF) 37 Page - Analog Devices

Part # AD9544
Description  Quad Input, 10-Output, Dual DPLL, 1 pps Synchronizer and Jitter Cleaner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9544 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9544 Datasheet HTML 33Page - Analog Devices AD9544 Datasheet HTML 34Page - Analog Devices AD9544 Datasheet HTML 35Page - Analog Devices AD9544 Datasheet HTML 36Page - Analog Devices AD9544 Datasheet HTML 37Page - Analog Devices AD9544 Datasheet HTML 38Page - Analog Devices AD9544 Datasheet HTML 39Page - Analog Devices AD9544 Datasheet HTML 40Page - Analog Devices AD9544 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 62 page
background image
Data Sheet
AD9544
Rev. 0 | Page 37 of 62
START TIMEOUT CLOCK:
TIME = 0
CAL_COUNT = 0
LOCK REG BIT 3 = 1
TIMEOUT CLOCK:
TIME > 50ms
CAL_COUNT > 1
NO
YES
NO
YES
NO
YES
CAL_COUNT =
CAL_COUNT + 1
APLL LOCK
DETECT POLLING
LOOP
APLL RECALIBRATION
LOOP
START
END
END
(TO RST_COUNT
CHECK)
WRITE:
CAL REG BIT 1 = 0
WRITE:
REGISTER 0x000F BIT 0 = 1
WRITE:
REGISTER 0x000F BIT 0 = 1
WRITE:
CAL REG BIT 1 = 1
VCO
CALIBRATION
OPERATION
WRITE:
SYNC REG BIT 3 = 1
WRITE:
REGISTER 0x000F BIT 0 = 1
WRITE:
REGISTER 0x000F BIT 0 = 1
MANUAL
DISTRIBUTION
SYNCHRONIZATION
OPERATION
WRITE:
SYNC REG BIT 3 = 0
AUTOSYNC
REGISTERS
BITS[1:0] = 0"
NO
YES
CAL REG.
0x2100
0x2200
APLL
0
1
LOCK REG.
0x3100
0x3200
SYNC REG.
0x2101
0x2201
AUTOSYNC REG.
0x10DB
0x14DB
Figure 45. Analog PLL Initialization Subprocess



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com