Electronic Components Datasheet Search
  English  ▼

X  

AD7680 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7680
Description  3mW, 100kSPS,16-Bit ADC in 6 Lead SOT-23
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7680 Datasheet(HTML) 4 Page - Analog Devices

  AD7680 Datasheet HTML 1Page - Analog Devices AD7680 Datasheet HTML 2Page - Analog Devices AD7680 Datasheet HTML 3Page - Analog Devices AD7680 Datasheet HTML 4Page - Analog Devices AD7680 Datasheet HTML 5Page - Analog Devices AD7680 Datasheet HTML 6Page - Analog Devices AD7680 Datasheet HTML 7Page - Analog Devices AD7680 Datasheet HTML 8Page - Analog Devices AD7680 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AD7680
–4–
REV. PrE
PRELIMINARY TECHNICAL DATA
PIN FUNCTION DESCRIPTION
Pin
Mnemonic
Function
VDD
Power Supply Input. The VDD range for the AD7680 is from +2.5V to +5.25V.
G N D
Analog Ground. Ground reference point for all circuitry on the AD7680. All analog input
signals should be referred to this GND voltage.
VIN
Analog Input. Single-ended analog input channel. The input range is 0 to VDD.
SCLK
Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the part.
This clock input is also used as the clock source for the AD7680's conversion process.
SDATA
Data Out. Logic Output. The conversion result from the AD7680 is provided on this output
as a serial data stream. The bits are clocked out on the falling edge of the SCLK input.
The
data stream from the AD7680 consists of 4 leading zeros followed by 16 bits of conversion
data which is provided MSB first. This will be followed by 4 trailing zeroes if
CS is held low
for a total of 24 SCLK cycles. See serial Interface section.
CS
Chip Select. Active low logic input. This input provides the dual function of initiating con-
versions on the AD7680 and framing the serial data transfer.
N C
No Connect. This pin should be left unconnected.
AD7680 PIN CONFIGURATIONS
ORDERING GUIDE
Linearity
Package
Model
Range
Error (LSB)
1 Option2
Branding
AD7680BRJ
-40°C to +85°C
±2 typ
RJ-6
C Q B
AD7680BRM -40°C to +85°C
±2 typ
RM-8
C Q B
NOTES
1Linearity error here refers to integral nonlinearity
2RT = SOT-23.
2RM = MSOP.
MSOP
SOT-23
AD7680
TOP VIEW
1
2
3
4
5
6
+5
SDATA
SCLK
VDD
GND
VIN
(Not to Scale)
AD7680
TOP VIEW
1
2
3
4
5
6
7
8
+5
SDATA
SCLK
VDD
GND
VIN
(Not to Scale)
GND
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com