Electronic Components Datasheet Search
  English  ▼

X  

AD7680 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7680
Description  3mW, 100kSPS,16-Bit ADC in 6 Lead SOT-23
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7680 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7680 Datasheet HTML 2Page - Analog Devices AD7680 Datasheet HTML 3Page - Analog Devices AD7680 Datasheet HTML 4Page - Analog Devices AD7680 Datasheet HTML 5Page - Analog Devices AD7680 Datasheet HTML 6Page - Analog Devices AD7680 Datasheet HTML 7Page - Analog Devices AD7680 Datasheet HTML 8Page - Analog Devices AD7680 Datasheet HTML 9Page - Analog Devices AD7680 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AD7680
–6–
REV. PrE
PRELIMINARY TECHNICAL DATA
PERFORMANCE CURVES
TPC 1 shows a typical FFT plot for the AD7680 at
100kSPS sample rate and 10kHz input frequency. TPC 2
shows the signal-to-(noise+distortion) ratio performance
versus input frequency for various supply voltages while
sampling at 100kSPS with an SCLK of 2.5MHz.
TPC 3 shows a graph of total harmonic distortion versus
analog input frequency for various supply voltages, while
TPC 4 shows a graph of total harmonic distortion versus
analog input frequency for various source impedances. See
Analog Input section.
TPC 5 and TPC 6 show typical DNL and INL plots for
the AD7680.
Typical Performance Characteristics
TPC 1. AD7680 Dynamic Performance at 100 kSPS
TPC 2. AD7680 SINAD vs. Analog Input Frequency
for Various Supply Voltages at 100 kSPS
TBD
TBD
TPC 3. AD7680 THD vs. Analog Input Frequency
for Various Supply Voltages at 100 kSPS
TPC 4. AD7680 THD vs. Analog Input Frequency
for Various Source Impedances
TBD
TBD
TPC 6. AD7680 Typical INL
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com