Electronic Components Datasheet Search
  English  ▼

X  

AD7680 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7680
Description  3mW, 100kSPS,16-Bit ADC in 6 Lead SOT-23
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7680 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7680 Datasheet HTML 3Page - Analog Devices AD7680 Datasheet HTML 4Page - Analog Devices AD7680 Datasheet HTML 5Page - Analog Devices AD7680 Datasheet HTML 6Page - Analog Devices AD7680 Datasheet HTML 7Page - Analog Devices AD7680 Datasheet HTML 8Page - Analog Devices AD7680 Datasheet HTML 9Page - Analog Devices AD7680 Datasheet HTML 10Page - Analog Devices AD7680 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
AD7680
–1
1–
REV. PrE
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
PRELIMINARY TECHNICAL DATA
6-lead SOT23 (RJ-6)
8-lead MSOP Package [MSOP]
(RM-8)
0.122 (3.10)
0.106 (2.70)
PIN
1
0.118 (3.00)
0.098 (2.50)
0.075 (1.90)
BSC
0.037 (0.95)
BSC
1
3
4
5
6
2
0.071 (1.80)
0.059 (1.50)
0.009 (0.23)
0.003 (0.08)
0.022 (0.55)
0.014 (0.35)
10
°
0
0.020 (0.50)
0.010 (0.25)
0.006 (0.15)
0.000 (0.00)
0.051 (1.30)
0.035 (0.90)
SEATING
PLANE
0.057 (1.45)
0.035 (0.90)
°
8
5
4
1
3.00
4.90
BSC
PIN 1
0.65 BSC
3.00
BSC
SEATING
PLANE
0.15
0.00
0.38
0.22
1.10 MAX
0.23
0.08
0.80
0.40
8°
0°
BSC
COMPLIANT TO JEDEC STANDARDS MO-187AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com