Electronic Components Datasheet Search
  English  ▼

X  

AD7680 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7680
Description  3mW, 100kSPS,16-Bit ADC in 6 Lead SOT-23
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7680 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7680 Datasheet HTML 3Page - Analog Devices AD7680 Datasheet HTML 4Page - Analog Devices AD7680 Datasheet HTML 5Page - Analog Devices AD7680 Datasheet HTML 6Page - Analog Devices AD7680 Datasheet HTML 7Page - Analog Devices AD7680 Datasheet HTML 8Page - Analog Devices AD7680 Datasheet HTML 9Page - Analog Devices AD7680 Datasheet HTML 10Page - Analog Devices AD7680 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
–9–
REV. PrE
AD7680
PRELIMINARY TECHNICAL DATA
Power-Down Mode
This mode is intended for use in applications where
slower throughput rates are required; either the ADC is
powered down between each conversion, or a series of
conversions may be performed at a high throughput rate
and then the ADC is powered down for a relatively long
duration between these bursts of several conversions.
When the AD7680 is in power down, all analog circuitry
is powered down.
To enter Power-Down, the conversion process must be
interrupted by bringing
CS high anywhere after the second
falling edge of SCLK and before the tenth falling edge of
SCLK as shown in Figure 8. Once
CS has been brought
high in this window of SCLKs, then the part will enter
power down and the conversion that was intiated by the
falling edge of
CS will be terminated and SDATA will go
back into tri-state. If
CS is brought high before the second
SCLK falling edge, then the part will remain in Normal
Mode and will not power-down. This will avoid accidental
powerdown due to glitches on the
CS line.
In order to exit this mode of operation and power the
AD7680 up again, a dummy conversion is performed. On
the falling edge of
CS the device will begin to power up,
and will continue to power up as long as
CS is held low
until after the falling edge of the tenth SCLK. The device
will be fully powered up once at least 16 SCLKs ( or ap-
proximately 6us) have elapsed and valid data will result
from the next conversion as shown in figure 9. If
CS is
brought high before the tenth falling edge of SCLK, re-
gardless of SCLK frequency, then the AD7680 will go
back into power down again. This avoids accidental power
up due to glitches on the
CS line or an inadvertent burst
of 8 SCLK cycles while
CS is low. So although the device
may begin to power up on the falling edge of
CS, it will
power down again on the rising edge of
CS as long as it
occurs before the tenth SCLK falling edge.
Figure 7. Normal Mode Operation
SCLK
4 LEADING ZEROS + CONVERSION RESULT
CS
SDATA
1
20
10
SCLK
THREE-STATE
CS
SDATA
1
20
10
2
Figure 8. Entering Power Down Mode
Normal Mode
This mode is intended for fastest throughput rate perfor-
mance as the user does not have to worry about any
power-up times with the AD7680 remaining fully-powered
all the time. Figure 7 shows the general diagram of the
operation of the AD7680 in this mode.
The conversion is iniated on the falling edge of
CS as
described in the Serial Interface section. To ensure the
part remains fully powered up at all times
CS must remain
low until at least 10 SCLK falling edges have elapsed after
the falling edge of
CS. If CS is brought high any time
after the 10th SCLK falling edge but before the 20th
SCLK falling edge the part will remain powered up but
the conversion will be terminated and SDATA will go
back into tri-state. At least twenty serial clock cycles are
required to complete the conversion and access the com-
plete conversion result. A total of twenty-four SCLK
cycles will access four trailing zeros in addtion.
CS may
idle high until the next conversion or may idle low until
CS returns high sometime prior to the next conversion,
(effectively idling
CS low).
Once a data transfer is complete (SDATA has returned to
tri-state), another conversion can be initiated after the
quiet time, tquiet, has elapsed by bringing CS low again.
Figure 9. Exiting Power Down Mode
SCLK
CS
SDATA
INVALID DATA
VALID DATA
1
10
20
20
1
THE PART BEGINS
TO POWER UP
tpower up
THE PART IS FULLY POWERED
UP WITH V IN FULLY ACQUIRED



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com