Electronic Components Datasheet Search
  English  ▼

X  

AD7680 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7680
Description  3mW, 100kSPS,16-Bit ADC in 6 Lead SOT-23
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7680 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7680 Datasheet HTML 3Page - Analog Devices AD7680 Datasheet HTML 4Page - Analog Devices AD7680 Datasheet HTML 5Page - Analog Devices AD7680 Datasheet HTML 6Page - Analog Devices AD7680 Datasheet HTML 7Page - Analog Devices AD7680 Datasheet HTML 8Page - Analog Devices AD7680 Datasheet HTML 9Page - Analog Devices AD7680 Datasheet HTML 10Page - Analog Devices AD7680 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
–7–
REV. PrE
AD7680
PRELIMINARY TECHNICAL DATA
TPC 7. AD7680 Typical DNL
TBD
CIRCUIT INFORMATION
The AD7680 is a fast, low power, 16-bit, single supply,
A/D converter. The part can be operated from a 2.5V to
5.25V supply. When operated from either a 5V or 3V
supply, the AD7680 is capable of throughput rates of 100
kSPS when provided with a 2.5MHz clock.
The AD7680 provides the user with an on-chip track/
hold, A/D converter, and a serial interface housed in a tiny
6-lead SOT-23 package or 8-ld MSOP package which
offer the user considerable space saving advantages over
alternative solutions. The serial clock input accesses data
from the part and also provides the clock source for the
successive-approximation A/D converter. The analog in-
put range for the AD7680 is 0 to VDD. An external refer-
ence is not required for the ADC, nor is there a reference
on-chip. The reference for the AD7680 is derived from
the power supply and thus gives the widest dynamic input
range.
The AD7680 also features a power-down option to save
power between conversions. The power-down feature is
implemented across the standard serial interface as de-
scribed in the Modes of Operation section.
CONVERTER OPERATION
The AD7680 is a 16-bit, successive approximation ana-
log-to -digital converter based around a capacitive DAC.
The AD7680 can convert analog input signals in the range
0 V to VDD. Figures 2 and 3 show simplified schematics
of the ADC. The ADC comprises of Control Logic, SAR
and a Capacitive DAC, which are used to add and subtract
fixed amounts of charge from the sampling capacitor to
bring the comparator back into a balanced condition. Fig-
ure 2 shows the ADC during its acquisition phase. SW2 is
closed and SW1 is in position A. The comparator is held
in a balanced condition and the sampling capacitor ac-
quires the signal on the selected VIN channel.
When the ADC starts a conversion, see figure 3, SW2 will
open and SW1 will move to position B causing the com-
parator to become unbalanced. The Control Logic and
the Capacitive DAC are used to add and subtract fixed
amounts of charge from the sampling capacitor to bring
the comparator back into a balanced condition.
When the
comparator is rebalanced the conversion is complete. The
Control Logic generates the ADC output code. Figure 4
shows the ADC transfer function.
Figure 3. ADC Conversion Phase
Figure 2. ADC Acquisition Phase
CAPACITIVE
DAC
V IN
COMPARATOR
CONTROL
LOGIC
SW1
A
B
SW2
V DD /2
SAMPLING
CAPACITOR
ACQUISITION
PHASE
CAPACITIVE
DAC
V IN
COMPARATOR
CONTROL
LOGIC
SW1
A
B
SW2
V DD /2
SAMPLING
CAPACITOR
CONVERSION
PHASE
Analog Input
Figure 4 shows an equivalent circuit of the analog input
structure of the AD7680. The two diodes D1 and D2
provide ESD protection for the analog inputs. Care must
be taken to ensure that the analog input signal never ex-
ceeds the supply rails by more than 300mV. This will
cause these diodes to become forward biased and start
conducting current into the substrate. 10mA is the maxi-
mum current these diodes can conduct without causing
irreveversible damage to the part. The capacitor C1 in
Figure 4 is typically about 4pF and can primarily be at-
tributed to pin capacitance. The resistor R1 is a lumped
component made up of the on resistance of a switch (track
VIN
D1
VDD
D2
R1
C2
30PF
C1
4PF
CONVERSION PHASE - SWITCH OPEN
TRACK PHASE - SWITCH CLOSED
Figure 4. Equivalent Analog Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com