Electronic Components Datasheet Search
  English  ▼

X  

AD7680 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7680
Description  3mW, 100kSPS,16-Bit ADC in 6 Lead SOT-23
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7680 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7680 Datasheet HTML 3Page - Analog Devices AD7680 Datasheet HTML 4Page - Analog Devices AD7680 Datasheet HTML 5Page - Analog Devices AD7680 Datasheet HTML 6Page - Analog Devices AD7680 Datasheet HTML 7Page - Analog Devices AD7680 Datasheet HTML 8Page - Analog Devices AD7680 Datasheet HTML 9Page - Analog Devices AD7680 Datasheet HTML 10Page - Analog Devices AD7680 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
–1
0–
REV. PrE
AD7680
PRELIMINARY TECHNICAL DATA
SERIAL INTERFACE
Figure 12 shows the detailed timing diagram for serial
interfacing to the AD7680. The serial clock provides the
conversion clock and also controls the transfer of informa-
tion from the AD7680 during conversion.
The
CS signal initiates the data transfer and conversion
process. The falling edge of
CS puts the track and hold
into hold mode, takes the bus out of tristate and the ana-
log input is sampled at this point.
The conversion is also
initiated at this point and will require at least 20 SCLK
cycles to complete. Once 17 SCLK falling edges have
elapsed, then the track and hold will go back into track on
the next SCLK rising edge. Figure 12 shows a 24 SCLK
transfer which allows for a 100kSPS throughput rate.
On
the 24th SCLK falling edge the SDATA line will go back
into tristate. If the rising edge of
CS occurs before 24
SCLKs have elapsed then the conversion will be termi-
nated and the SDATA line will go back into tri-state,
otherwise SDATA returns to tri-state on the 24th SCLK
falling edge as shown in Figure 12. A minimum of twenty
serial clock cycles are required to perform the conversion
process and to access data from the AD7680.
CS going
low provides the first leading zero to be read in by the
microcontroller or DSP. The remaining data is then
clocked out by subsequent SCLK falling edges beginning
with the 2nd leading zero, thus the first falling clock edge
on the serial clock has the first leading zero provided and
also clocks out the second leading zero. The data transfer
will consist of four leading zeros followed by the sixteen
bits of data followed by four trailing zeros, if a 24 SCLK
transfer is used as in Figure 12. The final bit ( 4th trailing
zero) in the data transfer is valid on the 24th falling edge,
having being clocked out on the previous (23rd) falling
edge. If a 20 SCLK transfer is used as shown in Figure
13, then the data output stream will only consist of four
leading zeros followed by sixteen bits of data with the final
bit valid on the 20th SCLK falling edge. A 20 SCLK
transfer will allow for a shorter cycle time and hence a
faster throughput rate to be achieved.
It is also possible to take valid data on each SCLK rising
edge rather than falling edge as the SCLK cycle time is
long enough to ensure the data is ready on the rising edge
of SCLK. However, the first leading zero will still be
driven by the
CS falling edge and so can only be taken on
the first SCLK falling edge. It may be ignored and the
first rising edge of SCLK after the
CS falling edge would
have the second leading zero provided and the 23rd rising
SCLK edge would have the final trailing zero provided.
This method may not work with most Micros/DSPs, but
could possibly be used with FPGAs and ASICs.
Figure 12. AD7680 Serial Interface Timing Diagram - 24 SCLK Transfer
Figure 13. AD7680 Serial Interface Timing Diagram - 20 SCLK Transfer
+5
SCLK
1
5
19
SDATA
3-STATE
t4
2
34
t5
t3
t2
3-STATE
DB0
t6
t7
18
ZERO
0
DB1
t8A
DB15
4 Leading Zeros
ZERO
ZERO
20
t1
tQUIET
tCONVERT
0
+5
SCLK
1
5
19
SDATA
3-STATE
t4
2
34
22
t5
t3
t2
3-STATE
DB0
t6
t7
18
ZERO
0
DB1
ZERO
21
4 Trailing Zeros
t8
24
DB15
4 Leading Zeros
ZERO
ZERO
ZERO
ZERO
ZERO
23
20
t1
tQUIET
tCONVERT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com