Electronic Components Datasheet Search
  English  ▼

X  

AD7680 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7680
Description  3mW, 100kSPS,16-Bit ADC in 6 Lead SOT-23
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7680 Datasheet(HTML) 3 Page - Analog Devices

  AD7680 Datasheet HTML 1Page - Analog Devices AD7680 Datasheet HTML 2Page - Analog Devices AD7680 Datasheet HTML 3Page - Analog Devices AD7680 Datasheet HTML 4Page - Analog Devices AD7680 Datasheet HTML 5Page - Analog Devices AD7680 Datasheet HTML 6Page - Analog Devices AD7680 Datasheet HTML 7Page - Analog Devices AD7680 Datasheet HTML 8Page - Analog Devices AD7680 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
–3–
REV. PrE
AD7680
PRELIMINARY TECHNICAL DATA
Limit at TMIN, TMAX
Parameter
Units
Description
3 V
5V
fSCLK
2
10
10
kHz min
2.5
2.5
MHz max
tCONVERT
20 x tSCLK
20 x tSCLK
min
tquiet
50
50
ns min
Minimum Quiet Time required between Bus Relinquish
and start of next conversion
t1
10
10
ns min
Minimum
CS Pulse Width
t2
10
10
ns min
CS to SCLK Setup Time
t3
3
20
20
ns max
Delay from
CS Until SDATA 3-State Disabled
t4
3
40
40
ns max
Data Access Time After SCLK Falling Edge
t5
0.4tSCLK
0.4tSCLK
ns min
SCLK Low Pulse Width
t6
0.4tSCLK
0.4tSCLK
ns min
SCLK High Pulse Width
t7
10
10
ns min
SCLK to Data Valid Hold Time
t8
4
25
25
ns max
SCLK falling Edge to SDATA High Impedance
tpower-up
5
11
µs typ
Power up time from Full Power-down.
TIMINGSPECIFICATIONS1
NOTES
1Sample tested at +25°C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of V
DD) and timed from a voltage level of 1.6 Volts.
2Mark/Space ratio for the SCLK input is 40/60 to 60/40.
3Measured with the load circuit of Figure 1 and defined as the time required for the output to cross 0.8 V or 2.0 V.
4t
8 is derived form the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then extrapolated back to
remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t8, quoted in the timing characteristics is the true bus relinquish time of the
part and is independent of the bus loading.
5See Power-up Time section.
Specifications subject to change without notice.
(VDD = +2.5 V to +5.25 V; TA = TMIN to TMAX, unless otherwise noted.)
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7680 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25°C unless otherwise noted)
VDD to GND .........................................–0.3 V to +7 V
Analog Input Voltage to GND....... –0.3 V to VDD + 0.3 V
Digital Input Voltage to GND.................–0.3 V to +7 V
Digital Output Voltage to GND.....–0.3 V to VDD + 0.3 V
Input Current to Any Pin Except Supplies
2 .........±10 mA
Operating Temperature Range
Commercial (B Version).....................–40°C to +85°C
Storage Temperature Range..............–65°C to +150°C
Junction Temperature........................................+150°C
SOT-23 Package, Power Dissipation..................450 mW
θJA Thermal Impedance...............................229.6°C/W
θJC Thermal Impedance................................91.99°C/W
MSOP Package, Power Dissipation..................450 mW
θJA Thermal Impedance...............................205.9°C/W
θJC Thermal Impedance................................ 43.74°C/W
Lead Temperature, Soldering
Vapor Phase (60 secs)...................................215°C
Infared (15 secs)...........................................220°C
ESD...................................................................3.5kV
Figure 1. Load Circuit for Digital Output Timing
Specifications
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device
at these or any other conditions above those listed in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch up.
+1.6V
IOL
200µA
200µA
IOH
TO
OUTPUT
PIN
CL
50pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com