Electronic Components Datasheet Search
  English  ▼

X  

AD7680 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7680
Description  3mW, 100kSPS,16-Bit ADC in 6 Lead SOT-23
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7680 Datasheet(HTML) 1 Page - Analog Devices

  AD7680 Datasheet HTML 1Page - Analog Devices AD7680 Datasheet HTML 2Page - Analog Devices AD7680 Datasheet HTML 3Page - Analog Devices AD7680 Datasheet HTML 4Page - Analog Devices AD7680 Datasheet HTML 5Page - Analog Devices AD7680 Datasheet HTML 6Page - Analog Devices AD7680 Datasheet HTML 7Page - Analog Devices AD7680 Datasheet HTML 8Page - Analog Devices AD7680 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AD7680
a
REV. PrE
11/02
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
Analog Devices, Inc., 2002
3mW, 100kSPS,
16-Bit ADC in 6 Lead SOT-23
Preliminary Technical Data
PRELIMINARY TECHNICAL DATA
FUNCTIONAL BLOCK DIAGRAM
FEATURES
Fast Throughput Rate: 100kSPS
Specified for VDD of 2.5 V to 5.25 V
Low Power:
2.5mW typ at 100kSPS with 3V Supplies
15mW typ at 100kSPS with 5V Supplies
Wide Input Bandwidth:
85dB SNR at 10kHz Input Frequency
Flexible Power/Serial Clock Speed Management
No Pipeline Delays
High Speed Serial Interface
SPI/QSPI/
µµµµµWire/DSP Compatible
Standby Mode: 0.5 µA max
6-Lead SOT-23, and 8-Lead MSOP Packages
APPLICATIONS
Battery-Powered Systems
Personal Digital Assistants
Medical Instruments
Mobile Communications
Instrumentation and Control Systems
Remote Data Acquisition Systems
High-Speed Modems
Optical Sensors
GENERAL DESCRIPTION
The AD7680 is a 16-bit, fast, low power, successive-ap-
proximation ADC. The part operates from a single 2.5 V
to 5.25 V power supply and features throughput rates up
to 100kSPS. The part contains a low-noise, wide band-
width track/hold amplifier which can handle input fre-
quencies in excess of 100kHz.
The conversion process and data acquisition are controlled
using
CS and the serial clock, allowing the devices to
interface with microprocessors or DSPs. The input signal
is sampled on the falling edge of
CS and the conversion is
also initiated at this point. There are no pipelined delays
associated with the part.
The AD7860 uses advanced design techniques to achieve
very low-power dissipation at fast throughput rates.
The reference for the part is taken internally from VDD.
This allows the widest dynamic input range to the ADC.
Thus the analog input range for the part is 0 to VDD. The
conversion rate is determined by the SCLK frequency.
PRODUCT HIGHLIGHTS
1. First 16-Bit ADC in a SOT-23 package.
2. High Throughput with Low Power Consumption
3. Flexible Power/Serial Clock Speed Management
The conversion rate is determined by the serial clock
allowing the conversion time to be reduced through the
serial clock speed increase. This allows the average power
consumption to be reduced when a powerdown mode is
used while not converting. The part also features a shut-
down mode to maximize power efficiency at lower
throughput rates. Power consumption is 0.5
µA max
when in shutdown.
4. Reference derived from the power supply.
5. No Pipeline Delay
The part features a standard successive-approximation
ADC with accurate control of the sampling instant via a
CS input and once off conversion control.
T/H
VIN
AD7680
VDD
16-BIT SUCCESSIVE
APPROXIMATION
ADC
SCLK
CONTROL LOGIC
SDATA
+5
GND


Similar Part No. - AD7680

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7680 AD-AD7680 Datasheet
480Kb / 20P
3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
6/04-Revision 0
AD7680 AD-AD7680 Datasheet
526Kb / 24P
16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
AD7680 AD-AD7680 Datasheet
469Kb / 24P
16-Bit Lower Power
REV. B
AD7680 AD-AD7680 Datasheet
611Kb / 28P
16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7680 AD-AD7680 Datasheet
292Kb / 12P
16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
More results

Similar Description - AD7680

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7940 AD-AD7940 Datasheet
480Kb / 20P
3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
6/04-Revision 0
AD7680ARMZ AD-AD7680ARMZ Datasheet
301Kb / 24P
3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
REV. A
AD7680 AD-AD7680_11 Datasheet
301Kb / 24P
3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
REV. A
AD7940BRJ AD-AD7940BRJ Datasheet
354Kb / 20P
3 mW, 100 kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. A
logo
Linear Technology
LTC1605ACG LINER-LTC1605ACG Datasheet
339Kb / 16P
16-Bit, 100ksps, Sampling ADC
logo
Analog Devices
AD7940 AD-AD7940_15 Datasheet
354Kb / 20P
3 mW, 100 kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. A
logo
Linear Technology
LTC1605 LINER-LTC1605_15 Datasheet
339Kb / 16P
16-Bit, 100ksps, Sampling ADC
logo
Analog Devices
AD7680 AD-AD7680_17 Datasheet
348Kb / 25P
3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
5/11-Rev. 0 to Rev. A
AD7940 AD-AD7940_17 Datasheet
391Kb / 21P
14-Bit ADC in 6-Lead SOT-23
8/11-Rev. 0 to Rev. A
AD7476-EP AD-AD7476-EP Datasheet
196Kb / 12P
12-Bit ADC in 6-Lead SOT-23
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com