Electronic Components Datasheet Search
  English  ▼

X  

LM2469 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2469
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2469 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM2469 Datasheet HTML 16Page - National Semiconductor (TI) LM2469 Datasheet HTML 17Page - National Semiconductor (TI) LM2469 Datasheet HTML 18Page - National Semiconductor (TI) LM2469 Datasheet HTML 19Page - National Semiconductor (TI) LM2469 Datasheet HTML 20Page - National Semiconductor (TI) LM2469 Datasheet HTML 21Page - National Semiconductor (TI) LM2469 Datasheet HTML 22Page - National Semiconductor (TI) LM2469 Datasheet HTML 23Page - National Semiconductor (TI) LM2469 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
OSD Generator Operation (Continued)
FOUR COLOR FONT AS TWO 2-COLOR
Using a 4 color character as two 2 color characters is
achieved by careful assignment of the four colors. When two
2 color characters are combined, there will be four pixel
colors:
Color 0: Those
that
are
background
pixels
for
both
characters,
Color 1: Those that are foreground pixels in character one
and background pixels in character two,
Color 2: Those that are foreground pixels in character two
and background pixels in character one,
Color 3: Those
that
are
foreground
pixels
for
both
characters.
In order to identify which pixels are which, both characters
should be drawn in one character cell using the same back-
ground color, and different background colors. In Figure 17,
both “A” and a “B” are drawn separately, then superimposed,
with the final 4 color character on the right. Comparing it to
the list of colors, it is seen that white is color 0, black is color
1, blue is color 2 and red is color 3. (These particular four
colors were chosen for clarity).
Figure 18 shows the composite four color character in the
center and the palette choices on the left and the right which
result in the display of the two original characters.
To display character 1, which has a foreground color 1,
character 2 must be hidden by setting its foreground color
(color 2) to equal the background. Color 3 (common pixels)
must be set to the desired foreground (color 1). In this case,
color 0 and color 2 are black and color 1 and color 3 are
white.
To display character 2, set color 1 = color 0 (to hide charac-
ter 1) and color 3 = color 2. Other than this, there is no
restriction on the choice of the actual colors used.
20075731
FIGURE 16. Four-Color Character
20075732
FIGURE 17. Four Color Character asa2x2 Color
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com