Electronic Components Datasheet Search
  English  ▼

X  

LM2469 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2469
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2469 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2469 Datasheet HTML 3Page - National Semiconductor (TI) LM2469 Datasheet HTML 4Page - National Semiconductor (TI) LM2469 Datasheet HTML 5Page - National Semiconductor (TI) LM2469 Datasheet HTML 6Page - National Semiconductor (TI) LM2469 Datasheet HTML 7Page - National Semiconductor (TI) LM2469 Datasheet HTML 8Page - National Semiconductor (TI) LM2469 Datasheet HTML 9Page - National Semiconductor (TI) LM2469 Datasheet HTML 10Page - National Semiconductor (TI) LM2469 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
Compatibility with LM1237 and LM1247 (Continued)
TABLE 2. LM1253A/LM1237 Compatibility
DAC Bias Outputs
LM1236 Pin:
DAC 1
DAC 2
DAC 3
DAC 4
Assignment:
Blue
Green
Red
Brightness
OSD vs Video Intensity
The OSD amplitude has been increased over the LM1237
level. During monitor alignment, the three gain registers are
used to achieve the desired front of screen color balance.
This also causes the OSD channels to be adjusted accord-
ingly, since these are inserted into the video channels prior
to the gain attenuators. This provides the means to fine tune
the intensity of the OSD relative to the video as follows. If a
typical starting point for the alignment is to have the gains at
maximum (0x7F) and the contrast at 0x55, the resultant
OSD intensity will be higher than if the starting point is with
the gains at 0x55 and the contrast at maximum (0x7F). This
tradeoff allows fine tuning the final OSD intensity relative to
the video. In addition, the OSD contrast register, 0x8438
[4:3], provides 4 major increments of intensity. Together,
these allow setting the OSD intensity to the most pleasing
level.
ESD Protection
The LM1236 features a 3.0 kV ESD protection level (see
(Notes 4, 13)). This is provided by special internal circuitry
which activates when the voltage at any pin goes beyond the
supply rails by a preset amount. At that time, the protection is
applied to all the pins, including SDA and SCL.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com