Electronic Components Datasheet Search
  English  ▼

X  

LM2469 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2469
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2469 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM2469 Datasheet HTML 13Page - National Semiconductor (TI) LM2469 Datasheet HTML 14Page - National Semiconductor (TI) LM2469 Datasheet HTML 15Page - National Semiconductor (TI) LM2469 Datasheet HTML 16Page - National Semiconductor (TI) LM2469 Datasheet HTML 17Page - National Semiconductor (TI) LM2469 Datasheet HTML 18Page - National Semiconductor (TI) LM2469 Datasheet HTML 19Page - National Semiconductor (TI) LM2469 Datasheet HTML 20Page - National Semiconductor (TI) LM2469 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
Programmable Horizontal Blank
The leading edge position of the internal horizontal blank can
be programmed with respect to the horizontal flyback zero
crossing leading edge in steps of 4 OSD pixels up to a
maximum of 16 steps as shown below in Figure 12. This
start position of the horizontal blanking pulse is only pro-
grammable to occur before the horizontal flyback zero cross-
ing edge, and cannot be programmed in the opposite direc-
tion. The trailing edge of the horizontal blanking pulse is
independent of the programmable leading edge, and its
relativity to the Horizontal flyback trailing edge remains un-
changed. To use this feature, Horizontal Blanking (0x843A[0]
which is enabled by default) and Programmable Horizontal
Blanking (0x843A[2]) must be enabled. The number of steps
is programmed with the bits in 0x843A[6:3]. When this fea-
ture is disabled, please refer to the H-Blank Time Delay - On
specification (+ Zero Crossing of I
HFB to 50% of output
blanking end) listed under the System Interface Signal Char-
acteristic section.
20075752
FIGURE 12. Programmable Internal H. Blank
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com