Electronic Components Datasheet Search
  English  ▼

X  

LM2469 Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2469
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2469 Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button LM2469 Datasheet HTML 34Page - National Semiconductor (TI) LM2469 Datasheet HTML 35Page - National Semiconductor (TI) LM2469 Datasheet HTML 36Page - National Semiconductor (TI) LM2469 Datasheet HTML 37Page - National Semiconductor (TI) LM2469 Datasheet HTML 38Page - National Semiconductor (TI) LM2469 Datasheet HTML 39Page - National Semiconductor (TI) LM2469 Datasheet HTML 40Page - National Semiconductor (TI) LM2469 Datasheet HTML 41Page - National Semiconductor (TI) LM2469 Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
Pre-Amplifier Interface Registers (Continued)
Bit 5
When this bit is a 0, the full-scale outputs of DACs 1–3 are 0.5V to 4.5V. When it is a 1, the
full-scale level is 0.5V to 2.5V.
Bit 6
When this bit is a 0, the DAC 4 output is independent. When it is a 1, the DAC 4 output is scaled
by 50% and added to the outputs of DACs 1–3.
Bit 7
Reserved and should be set to zero.
Global Video Control:
GLOBALCTRL (0x8439)
Bank
Power
Blank
X
XXXXX
PS
BV
Bit 0
When this bit is a 1, the video outputs are blanked (set to black level). When it is a 0, video is not
blanked.
Bit 1
When this bit is a 1, the analog sections of the preamplifier are shut down for low power
consumption. When it is a 0, the analog sections are enabled.
Bits 7–3
Reserved.
Auxiliary Control:
AUXCTRL (0x843A)
Reserved
Horizontal Blank Position
H. Blank
Reserved
H Blnk
X
HBPOS[30]
HBPOS_EN
X
HBD
Bit 0
When this bit is a 0, the horizontal blanking input at pin 24 is gated to the video outputs to provide
horizontal blanking. When it is a 1, the horizontal blanking at the outputs is disabled.
Bit 1
Reserved
Bit 2
When this bit is a 1, the position of the Horizontal Blanking pulse can be programmably varied
relative to the horizontal flyback in number of pixels. When this bit is a 0, which is by default, the
horizontal blanking pulse position will not be programmable.
Bits 6–3
These 4 bits determine the position of the Horizontal Blanking Pulse with respect to the horizontal
flyback in number of pixels.
Bit 7
Reserved
PLL Range:
PLLFREQRNG (0x843E)
Res’d
PLL
Auto Mode
Clamp
Res’d
OSD
VBlank
PLL
Pre-calibration
X
PLL_AUTO
CLMP
X
OOR
VBL
PFR[1:0]
Bits 1–0
These bits must be set to 0 to pre-calibrate the PLL Auto feature.
Bit 2
This is the Vertical Blanking register. When this bit is a 1, vertical blanking is gated to the video outputs. When
set to a 0, the video outputs do not have vertical blanking.
Bit 3
This is the OSD override bit. This should be set to 0 for normal operation. When set to a 1, the video outputs
are disconnected and OSD only is displayed. This is useful for the OSD display of special conditions such as
“No Signal” and “Input Signal Out of Range”, to avoid seeing unsynchronized video.
Bit 4
Reserved and should be set to zero.
Bit 5
This is the Clamp Polarity bit. When set to a 0, the LM1236 expects a positive going clamp pulse. When set to
a 1, the expected pulse is negative going.
Bit 6
When this bit is set, the PLL Auto Mode will automatically determine the optimum frequency range of the
Phase Locked Loop.
Bit 7
Reserved and should be set to zero.
www.national.com
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com