Electronic Components Datasheet Search
  English  ▼

X  

LM2469 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2469
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2469 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button LM2469 Datasheet HTML 31Page - National Semiconductor (TI) LM2469 Datasheet HTML 32Page - National Semiconductor (TI) LM2469 Datasheet HTML 33Page - National Semiconductor (TI) LM2469 Datasheet HTML 34Page - National Semiconductor (TI) LM2469 Datasheet HTML 35Page - National Semiconductor (TI) LM2469 Datasheet HTML 36Page - National Semiconductor (TI) LM2469 Datasheet HTML 37Page - National Semiconductor (TI) LM2469 Datasheet HTML 38Page - National Semiconductor (TI) LM2469 Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
Control Register Definitions (Continued)
Bits 8–0
This register determines the starting address of Display Window 1 in the Display Page RAM. The
power-on default of 0x00 starts Window 1 at the beginning of the Page RAM (0x8000). This first
address location always contains the SL code for the first line of Display Window 1. This register is
new for the LM1236 and allows Window 1 to start anywhere in the Page RAM rather than just at
0x8000. Note that the address this points to in Page RAM must always contain the SL code for the
first line of the window.
Bits 15–9
These bits are reserved and should be set to zero.
Display Window 1 Column Width:
COLWIDTH1B3 (0x8417)
COLWIDTH1B2 (0x8416)
Window 1 Column Width - High Bytes
COL[31:16]
COLWIDTH1B1 (0x8415)
COLWIDTH1B0 (0x8414)
Window 1 Column Width - Low Bytes
COL[15:0]
Bits 31–0
These are the Display Window 1 Column Width 2x Enable Bits. These thirty-two bits correspond to
columns 31–0 of Display Window 1, respectively. A value of zero indicates the column will have
normal width (12 pixels). A “1” indicates the column will be twice as wide as normal (24 pixels). For
the double wide case, each Character Font pixel location will be displayed twice, in two
consecutive horizontal pixel locations. The user should note that if more than 32 display characters
are programmed to reside on a line, then all display characters after the first thirty-two will have
normal width (12 pixels).
Display Window 2 Horizontal Start Address:
HSTRT2 (0x8418)
Window 2 Horizontal Start Address
2H[7:0]
Bits 7–0
This register determines the horizontal start position of Window 2 in OSD pixels (not video signal pixels). The actual
position, to the right of the horizontal flyback pulse, is determined by multiplying this register value by 4 and adding
30. Due to pipeline delays, the first usable start location is approximately 42 OSD pixels following the horizontal
flyback time. For this reason, we recommend this register be programmed with a number larger than 2, otherwise
improper operation may result.
Display Window 2 Vertical Start Address:
VSTRT2 (0x8419)
Window 2 Vertical Start Address
2V[7:0]
Bits 7–0
This register determines the Vertical start position of Window 2 in constant-height character lines (not video scan
lines). The actual position is determined by multiplying this register value by 2. (Note: each character line is treated
as a single auto-height character pixel line, so multiple scan lines may actually be displayed in order to maintain
accurate position relative to the OSD character cell size. (See the Constant Character Height Mechanism section.)
This register should be set so the entire OSD window is within the active video.
Display Window 2 Start Address:
W2STRTADRH (0x841B)
W2STRTADRL (0x841A)
Reserved
Window 2 Start Address
XXXXXXX
2AD[8:0]
Bits 8–0
This register determines the starting address of Display Window 2 in the Display Page RAM. The power-on default
of 0x10 starts Window 2 at the midpoint of the Page RAM (0x8100). This location always contains the SL code for
the first line of Window 2.
www.national.com
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com