Electronic Components Datasheet Search
  English  ▼

X  

LM2469 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2469
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2469 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button LM2469 Datasheet HTML 32Page - National Semiconductor (TI) LM2469 Datasheet HTML 33Page - National Semiconductor (TI) LM2469 Datasheet HTML 34Page - National Semiconductor (TI) LM2469 Datasheet HTML 35Page - National Semiconductor (TI) LM2469 Datasheet HTML 36Page - National Semiconductor (TI) LM2469 Datasheet HTML 37Page - National Semiconductor (TI) LM2469 Datasheet HTML 38Page - National Semiconductor (TI) LM2469 Datasheet HTML 39Page - National Semiconductor (TI) LM2469 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
Control Register Definitions (Continued)
Bits 15–9
These bits are reserved and should be set to zero.
Display Window 2 Column Width:
COLWIDTH2B3 (0x841F)
COLWIDTH2B2 (0x841E)
Window 2 Column Width - High Bytes
COL[31:16]
COLWIDTH2B1 (0x841D)
COLWIDTH2B0 (0x841C)
Window 2 Column Width - Low Bytes
COL[15:0]
Bits 31–0
These are the Display Window 2 Column Width 2x Enable Bits. These thirty-two bits correspond to columns 31–0
of Display Window 2, respectively. A value of zero indicates the column will have normal width (12 OSD pixels). A
value of one indicates the column will be twice as wide as normal (24 OSD pixels). For the double wide case, each
Character Font pixel location will be displayed twice, in two consecutive horizontal pixel locations. The user should
note that if more than 32 display characters are programmed to reside on a line, then all display characters after
the first thirty-two will have normal width (12 pixels).
Fade In/Fade Out Interval Register:
FADE_INTVL (0x8429)
Vertical Interval
Horizontal Interval
V_INTVL[3:0]
H_INTVL[3:0]
Bits 7–4
These three bits determine the interval for fading in or fading out the OSD window in the vertical
direction.
Bits 3–0
These three bits determine the interval for fading in or fading out the OSD window in the horizontal
direction.
Pre-Amplifier Interface Registers
Blue Channel Gain:
BGAINCTRL (0x8430)
Res’d
Blue Gain
X
BG[6:0]
Bits 6–0
This register determines the gain of the blue video channel. This affects only the blue channel
whereas the contrast register (0x8433) affects all channels.
Bit 7
Reserved and should be set to zero.
Green Channel Gain:
GGAINCTRL (0x8431)
Res’d
Green Gain
X
GG[6:0]
Bits 6–0
This register determines the gain of the green video channel. This affects only the green channel
whereas the contrast register (0x8433) affects all channels.
Bit 7
Reserved and should be set to zero.
Red Channel Gain:
RGAINCTRL (0x8432)
Res’d
Red Gain
X
RG[6:0]
www.national.com
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com