Electronic Components Datasheet Search
  English  ▼

X  

LM2469 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2469
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2469 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button LM2469 Datasheet HTML 24Page - National Semiconductor (TI) LM2469 Datasheet HTML 25Page - National Semiconductor (TI) LM2469 Datasheet HTML 26Page - National Semiconductor (TI) LM2469 Datasheet HTML 27Page - National Semiconductor (TI) LM2469 Datasheet HTML 28Page - National Semiconductor (TI) LM2469 Datasheet HTML 29Page - National Semiconductor (TI) LM2469 Datasheet HTML 30Page - National Semiconductor (TI) LM2469 Datasheet HTML 31Page - National Semiconductor (TI) LM2469 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
LM1236 Address Map (Continued)
TABLE 11. OSD Control Register Detail (Continued)
Register
Address
Default
D7
D6
D5
D4
D3
D2
D1
D0
BBHLCTRLB1
0x8406
0x01
XXXXXXX
B[2]
BBLLCTRLB0
0x8407
0x00
B[1:0]
G[2:0]
R[2:0]
BBLLCTRLB1
0x8408
0x00
XXXXXXX
B[2]
CHSDWCTRLB0
0x8409
0x00
B[1:0]
G[2:0]
R[2:0]
CHSDWCTRLB1
0x840A
0x00
XXXXXXX
B[2]
ROMSIGCTRL
0x840D
0x00
XXXXXXX
CRS
ROMSIGDATAB0
0x840E
0x00
CRC[7:0]
ROMSIGDATAB1
0x840F
0x00
CRC[15:8]
HSTRT1
0x8410
0x62
HPOS[7:0]
VSTRT1
0x8411
0x32
VPOS[7:0]
W1STRTADRL
0x8412
0x00
ADDR[7:0]
W1STRTADRH
0x8413
0x00
XXXXXXX
ADDR[8]
COLWIDTH1B0
0x8414
0x00
COL[7:0]
COLWIDTH1B1
0x8415
0x00
COL[15:8]
COLWIDTH1B2
0x8416
0x00
COL[23:16]
COLWIDTH1B3
0x8417
0x00
COL[31:24]
HSTRT2
0x8418
0x56
HPOS[7:0]
VSTRT2
0x8419
0x5B
VPOS[7:0]
W2STRTADRL
0x841A
0x00
ADDR[7:0]
W2STRTADRH
0x841B
0x01
XXXXXXX
ADDR[8]
COLWIDTH2B0
0x841C
0x00
COL[7:0]
COLWIDTH2B1
0x841D
0x00
COL[15:8]
COLWIDTH2B2
0x841E
0x00
COL[23:16]
COLWIDTH2B3
0x841F
0x00
COL[31:24]
Any registers in the range of 0x8420 - 0x8428 are for National Semiconductor internal use only and should not be written to under
application conditions.
FADE_INTVL
0x8429
0x35
V_INTVL[3:0]
H_INVTVL[3:0]
PREAMPLIFIER CONTROL
These registers, shown in Table 12, control the gains, DAC outputs, PLL, horizontal and vertical blanking, OSD contrast and DC
offset of the video outputs. Additional register detail is provided in the Control Register Definitions Section, later in this document.
TABLE 12. LM1236 Preamplifier Interface Registers
Register
Address
Default
D7
D6
D5
D4
D3
D2
D1
D0
BGAINCTRL
0x8430
0x60
X
BGAIN[6:0]
GGAINCTRL
0x8431
0x60
X
GGAIN[6:0]
RGAINCTRL
0x8432
0x60
X
RGAIN[6:0]
CONTRCTRL
0x8433
0x60
X
CONTRAST[6:0]
DAC1CTRL
0x8434
0x80
DAC1[7:0]
DAC2CTRL
0x8435
0x80
DAC2[7:0]
DAC3CTRL
0x8436
0x80
DAC3[7:0]
DAC4CTRL
0x8437
0x80
DAC4[7:0]
DACOSDDCOFF
0x8438
0x14
X
DCF[1:0]
OSD CONT[1:0]
DC OFFSET[2:0]
GLOBALCTRL
0x8439
0x02
XXXXXX
PS
BV
AUXCTRL
0x843A
0x03
X
HB_POS[3:0]
HBPOS
_EN
RSV
HBD
PLLFREQRNG
0x843E
0x06
X
PLL_
AUTO
CLMP
X
OOR
VBL
PFR[1:0]
SRTSTCTRL
0x843F
0x00
X
AID
X
X
X
X
SRST
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com