Electronic Components Datasheet Search
  English  ▼

X  

LM2469 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2469
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2469 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button LM2469 Datasheet HTML 33Page - National Semiconductor (TI) LM2469 Datasheet HTML 34Page - National Semiconductor (TI) LM2469 Datasheet HTML 35Page - National Semiconductor (TI) LM2469 Datasheet HTML 36Page - National Semiconductor (TI) LM2469 Datasheet HTML 37Page - National Semiconductor (TI) LM2469 Datasheet HTML 38Page - National Semiconductor (TI) LM2469 Datasheet HTML 39Page - National Semiconductor (TI) LM2469 Datasheet HTML 40Page - National Semiconductor (TI) LM2469 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
Pre-Amplifier Interface Registers (Continued)
Bits 6–0
This register determines the gain of the red video channel. This affects only the red channel
whereas the contrast register (0x8433) affects all channels.
Bit 7
Reserved and should be set to zero.
Contrast Control:
CONTRCTRL (0x8433)
Res’d
Contrast
X
CG[6:0]
Bits 6–0
This register determines the contrast gain and affects all three channels, blue, red and green.
Bit 7
Reserved and should be set to zero.
DAC 1 Output Level:
DAC1CTRL (0x8434)
DAC 1 Output Level
BC[7:0]
Bits 7–0
This register determines the output of DAC 1. The full-scale output is determined by bit 5 of the
DAC Config, OSD Contrast & DC Offset Register.
DAC 2 Output Level:
DAC2CTRL (0x8435)
DAC 2 Output Level
GC[7:0]
Bits 7–0
This register determines the output of DAC 2. The full-scale output is determined by bit 5 of the
DAC Config, OSD Contrast & DC Offset Register.
DAC 3 Output Level:
DAC3CTRL (0x8436)
DAC 3 Output Level
RC[7:0]
Bits 7–0
This register determines the output of DAC 3. The full-scale output is determined by bit 5 of the
DAC Config, OSD Contrast & DC Offset Register (0x8438).
DAC 4 Output Level:
DAC4CTRL (0x8437)
DAC 4 Output Level
BA[7:0]
Bits 7–0
This register determines the output of DAC 4. The output of this DAC can be scaled and mixed
with the outputs of DACs 1–3 as determined by bit 6 of the DAC Config, OSD Contrast & DC
Offset Register.
DAC Config, OSD Contrast & DC Offset:
DACOSDDCOFF (0x8438)
Res’d
DAC Options
OSD Contrast
DC Offset
X
DCF[1:0]
OSD[1:0]
DC[2:0]
Bits 2–0
These determine the DC offset of the three video outputs, blue, red and green.
Bits 4–3
These determine the contrast of the internally generated OSD.
www.national.com
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com