Electronic Components Datasheet Search
  English  ▼

X  

XCL225 Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XCL225
Description  0.5A Inductor Built-in Step-down ?쐌icro DC/DC??Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL225 Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XCL225 Datasheet HTML 5Page - Torex Semiconductor XCL225 Datasheet HTML 6Page - Torex Semiconductor XCL225 Datasheet HTML 7Page - Torex Semiconductor XCL225 Datasheet HTML 8Page - Torex Semiconductor XCL225 Datasheet HTML 9Page - Torex Semiconductor XCL225 Datasheet HTML 10Page - Torex Semiconductor XCL225 Datasheet HTML 11Page - Torex Semiconductor XCL225 Datasheet HTML 12Page - Torex Semiconductor XCL225 Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9/27
XCL225/XCL226
Series
■
TYPICAL APPLICATION CIRCUIT(Continued)
<Output voltage setting>
The output voltage can be set by adding an external dividing resistor.
The output voltage is determined by the equation below based on the values of RFB1 and RFB2.
VOUT=VFB× (RFB1+RFB2)/RFB2
With RFB1+RFB2≦1MΩ
<CFB setting>
Adjust the value of the phase compensation speed-up capacitor CFB using the equation below.
A target value for fzfb of optimum is below.
【
Setting Example】
When CL is 10μF, fzfb=24kHz
When CL is 20μF, fzfb=17kHz
【
Setting Example】
To set output voltage to 5V with fosc=1.2MHz, CL=20μF, L=4.3μH
When RFB1=680kΩ, RFB2=120kΩ, VOUT=0.75V× (680kΩ+120kΩ) / 120kΩ=5.0V
And fzfb is set to a target of 17kHz using the above equation,
CFB=1/(2×π×17kHz×680kΩ)=13.8pF
* The setting range for the output voltage is 1.0V to 15.0V.
The condition VOUT/VIN ≧ 0.14 must be satisfied.
<Soft-start Time Setting>
The soft-start time can be adjusted by adding a capacitor and a resistor to the EN/SS pin.
Soft-start time (tss2) is approximated by the equation below according to values of VEN/SS, RSS, and CSS.
tss2=Css×Rss× (-ln ((VEN/SS-1.45)/VEN/SS)) )
【
Setting Example】
When CSS=0.47μF, RSS=430kΩ and VEN/SS=12V, tSS2=0.47x10-6 x 430 x 103 x (-ln ((12-1.45)/12)) =26ms (Approx.)
*The soft-start time is the time from the start of VEN/SS until the output voltage reaches 90% of the set voltage.
If the EN/SS pin voltage rises steeply without connecting CSS and RSS (RSS=0Ω), Output rises with taking
the soft-start time of tss1=1.0ms (TYP.) which is fixed internally.
1
2
1
FB
FB
R
fzfb
C
VEN/SS
VOUT
90 % of se tting voltage
tSS1
tSS2
EN/SS
CSS
RSS
VEN/SS
L
C
fzfb
L
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com