Electronic Components Datasheet Search
  English  ▼

X  

XCL225 Datasheet(PDF) 12 Page - Torex Semiconductor

Part # XCL225
Description  0.5A Inductor Built-in Step-down ?쐌icro DC/DC??Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL225 Datasheet(HTML) 12 Page - Torex Semiconductor

Back Button XCL225 Datasheet HTML 8Page - Torex Semiconductor XCL225 Datasheet HTML 9Page - Torex Semiconductor XCL225 Datasheet HTML 10Page - Torex Semiconductor XCL225 Datasheet HTML 11Page - Torex Semiconductor XCL225 Datasheet HTML 12Page - Torex Semiconductor XCL225 Datasheet HTML 13Page - Torex Semiconductor XCL225 Datasheet HTML 14Page - Torex Semiconductor XCL225 Datasheet HTML 15Page - Torex Semiconductor XCL225 Datasheet HTML 16Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
12/27
XCL225/XCL226 Series
■
OPERATIONAL EXPLANATION (Continued)
<Soft-start function>
The reference voltage applied to the error amplifier is restricted by the start-up voltage of the EN/SS pin. This ensures that the
error amplifier operates with its two inputs in balance, thereby preventing ON-time signal from becoming longer than necessary.
Therefore, start-up time of the EN/SS pin becomes the set-time of soft-start. The soft-start time can be adjusted by adding a
capacitor and a resistor to the EN/SS pin.
If the EN/SS pin voltage rises steeply without connecting CSS and RSS (RSS=0Ω), Output rises with taking the soft-start time of
tss1=1.0ms (TYP.) which is fixed internally.
The soft-start function operates when the voltage at the EN/SS pin is between 0.3V to 2.5V. If the voltage at the EN/SS pin does
not start from 0V but from a middle level voltage when the power is switched on, the soft-start function will become ineffective and
the possibilities of large inrush currents and ripple voltages occurring will be increased.
<Thermal shutdown>
The thermal shutdown (TSD) as an over current limit is built in the XCL225/XCL226 series.
When the junction temperature reaches the detection temperature, the driver transistor is forcibly turned off. When the junction
temperature falls to the release temperature while in the output stop state, restart takes place by soft-start.
<UVLO>
When the VIN pin voltage falls below 2.7V (TYP.), the driver transistor is forcibly turned off to prevent false pulse output due to
instable operation of the internal circuits. When the VIN pin voltage rises above 2.8V (TYP.), the UVLO function is released, the
soft-start function activates, and output start operation begins. Stopping by UVLO is not shutdown; only pulse output is stopped
and the internal circuits continue to operate.
<Power good>
The output state can be monitored using the power good function.
When the FB voltage drops below 90% (TYP.), the PG pin outputs an "L" signal.
The PG pin is an Nch open drain output, therefore a pull-up resistance (approx. 100kΩ) must be connected to the PG pin.
When not using power good function connect the PG pin to GND or open it for use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com