Electronic Components Datasheet Search
  English  ▼

X  

XCL225 Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XCL225
Description  0.5A Inductor Built-in Step-down ?쐌icro DC/DC??Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL225 Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XCL225 Datasheet HTML 7Page - Torex Semiconductor XCL225 Datasheet HTML 8Page - Torex Semiconductor XCL225 Datasheet HTML 9Page - Torex Semiconductor XCL225 Datasheet HTML 10Page - Torex Semiconductor XCL225 Datasheet HTML 11Page - Torex Semiconductor XCL225 Datasheet HTML 12Page - Torex Semiconductor XCL225 Datasheet HTML 13Page - Torex Semiconductor XCL225 Datasheet HTML 14Page - Torex Semiconductor XCL225 Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11/27
XCL225/XCL226
Series
0A
0V
0V
ILX
VOUT
VLX
ILIMH=1.1A(TYP.)
ILIML=0.7A(Designed value)
1.0ms(TYP.)
VEN/SS
■
OPERATIONAL EXPLANATION (Continued)
<Reference voltage source>
The reference voltage source provides the reference voltage to ensure stable output voltage of the DC/DC converter.
<Oscillator circuit>
The ramp wave circuit determines switching frequency. The frequency is fixed internally 1.2MHz.
Clock pulses generated in this circuit are used to produce ramp waveforms needed for PWM operation.
<Error amplifier>
The error amplifier is designed to monitor output voltage. The amplifier compares the reference voltage with the feedback
voltage divided by the internal voltage divider, RFB1 and RFB2. When a voltage is lower than the reference voltage, then the
voltage is fed back, the output voltage of the error amplifier increases. The error amplifier output is fixed internally to deliver an
optimized signal to the mixer.
<Current limiting>
The current limiting circuit of the XCL225/XCL226 series monitors the current that flows through the High-side driver transistor
and Low-side driver transistor, and when over-current is detected, the current limiting function activates.
①
Low-side driver Tr. current limiting
The current in the Low-side driver Tr. is detected to equivalently monitor the bottom value of the coil current. The Low-side driver
Tr. current limiting function prohibits the High-side driver Tr. from turning on in an over-current state where the bottom value of the
coil current is higher than the Low-side driver Tr. current limit value ILIML. Control to lower the switching frequency fOSC is also
performed. When the over-current state is released, normal operation resumes.
②
High-side driver Tr. current limiting
The current in the High-side driver Tr. is detected to equivalently monitor the peak value of the coil current. The High-side driver
Tr. current limiting function forcibly turns off the High-side driver Tr. when the peak value of the coil current reaches the High-side
driver current limit value ILIMH. ILIML < ILIMH is set inside the IC, and therefore the Low-side driver Tr. current limiting function of ①
above also detects the over-current state at this time. When the over-current state is released, normal operation resumes.
③
Over-current latch (Type A)
Type A turns off the High-side and Low-side driver Tr. when state ① or ② continues for 1.0ms (TYP.). The Lx pin is latch-stopped
at the GND level (0V).
The latch-stopped state only stops the pulse output from the Lx pin; the internal circuitry of the IC continues to operate. To restart
after latch-stopping, L level and then H level must be input into the EN/SS pin, or VIN pin re-input must be performed (after lowering
the voltage below the UVLO detection voltage) to resume operation by soft start.
The over-current latch function may occasionally be released from the current limit detection state by the effects of ambient noise,
and it may also happen that the latch time becomes longer or latching does not take place due to board conditions. For this reason,
place the input capacitor as close as possible to the IC.
Type B is an automatic recovery type that performs the operation of ① or ② until the over-current state is released.
Low side driver Tr. current limit value ILIML=0.7A (Designed value)
High-side driver Tr. current limit value ILIMH=1.1A (TYP.)
< Current limiting timing chart >



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com