Electronic Components Datasheet Search
  English  ▼

X  

XCL225 Datasheet(PDF) 18 Page - Torex Semiconductor

Part # XCL225
Description  0.5A Inductor Built-in Step-down ?쐌icro DC/DC??Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL225 Datasheet(HTML) 18 Page - Torex Semiconductor

Back Button XCL225 Datasheet HTML 14Page - Torex Semiconductor XCL225 Datasheet HTML 15Page - Torex Semiconductor XCL225 Datasheet HTML 16Page - Torex Semiconductor XCL225 Datasheet HTML 17Page - Torex Semiconductor XCL225 Datasheet HTML 18Page - Torex Semiconductor XCL225 Datasheet HTML 19Page - Torex Semiconductor XCL225 Datasheet HTML 20Page - Torex Semiconductor XCL225 Datasheet HTML 21Page - Torex Semiconductor XCL225 Datasheet HTML 22Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
18/27
XCL225/XCL226 Series
3.1
3.2
3.3
3.4
3.5
-50
-25
0
25
50
75
100
125
Ambient Temperature : Ta (℃)
Vin=5.0V
Vin=8.0V
Vin=12.0V
IOUT=300mA
3.1
3.2
3.3
3.4
3.5
-50
-25
0
25
50
75
100
125
Ambient Temperature : Ta (℃)
Vin=5.0V
Vin=8.0V
Vin=12.0V
IOUT=100mA
3.1
3.2
3.3
3.4
3.5
-50
-25
0
25
50
75
100
125
Ambient Temperature : Ta (℃)
Vin=5.0V
Vin=8.0V
Vin=12.0V
IOUT=500mA
XCL225 (VOUT=3.3V, IOUT=100mA)
XCL225 (VOUT=3.3V, IOUT=300mA)
XCL225 (VOUT=3.3V, IOUT=500mA)
4.8
4.9
5.0
5.1
5.2
-50
-25
0
25
50
75
100
125
Ambient Temperature : Ta (℃)
Vin=8.0V
Vin=12.0V
IOUT=300mA
4.8
4.9
5.0
5.1
5.2
-50
-25
0
255075
100
125
Ambient Temperature : Ta (℃)
Vin=8.0V
Vin=12.0V
IOUT=100mA
XCL225 (VOUT=5.0V, IOUT=100mA)
XCL225 (VOUT=5.0V, IOUT=300mA)
■
TYPICAL PERFORMANCE CHARACTERISTICS
(4) Output Voltage vs. Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com