Electronic Components Datasheet Search
  English  ▼

X  

XCL225 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XCL225
Description  0.5A Inductor Built-in Step-down ?쐌icro DC/DC??Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL225 Datasheet(HTML) 3 Page - Torex Semiconductor

  XCL225 Datasheet HTML 1Page - Torex Semiconductor XCL225 Datasheet HTML 2Page - Torex Semiconductor XCL225 Datasheet HTML 3Page - Torex Semiconductor XCL225 Datasheet HTML 4Page - Torex Semiconductor XCL225 Datasheet HTML 5Page - Torex Semiconductor XCL225 Datasheet HTML 6Page - Torex Semiconductor XCL225 Datasheet HTML 7Page - Torex Semiconductor XCL225 Datasheet HTML 8Page - Torex Semiconductor XCL225 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3/27
XCL225/XCL226
Series
■
PRODUCT CLASSIFICATION
●
Ordering Information
XCL225①②③④⑤⑥ PWM control
XCL226①②③④⑤⑥ PWM/PFM Automatic
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
Type
A
Refer to Selection Guide
B
②③
Adjustable Output Voltage
0K
ADJ=0.75V.
Output voltage can be adjusted in 1V to 15V
④
Oscillation Frequency
1
1.2MHz
⑤⑥
Packages (Order Unit)
H2
DFN3030-10B(3000pcs/Reel)
●
Selection Guide
TYPE
Chip
Enable
UVLO
Thermal
Shutdown
Soft
Start
Power-Good
Current
Limitter
Automatic Recovery
(Current Limitter)
Latch Protection(*1)
(Current Limitter)
A
YES
YES
YES
YES
YES
YES
NO
YES
B
YES
YES
YES
YES
YES
YES
YES
NO
(*1) The over-current protection latch is an integral latch type.
■
PIN CONFIGURATION
* The dissipation pad for the DFN3030-10B package should be solder-plated in recommended mount pattern and metal
masking so as to enhance mounting strength and heat release. If the pad needs to be connected to other pins, it should be
connected to the GND (No. 2 and No.3) pin.
1 Lx
2 PGND
3 AGND
4 FB
VIN 8
NC 7
EN/SS 6
PG 5
9 L1
10 L2
(BOTTOM VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com